Electronic Components Datasheet Search |
|
AT17LV65-10NC Datasheet(PDF) 9 Page - ATMEL Corporation |
|
AT17LV65-10NC Datasheet(HTML) 9 Page - ATMEL Corporation |
9 / 26 page 9 2321I–CNFG–2/08 AT17LV65/128/256/512/010/002/040 7. Cascading Serial Configuration EEPROMs For multiple FPGAs configured as a daisy-chain, or for FPGAs requiring larger configuration memories, cascaded configurators provide additional memory. After the last bit from the first configurator is read, the clock signal to the configurator asserts its CEO output Low and disables its DATA line driver. The second configurator recognizes the Low level on its CE input and enables its DATA output. After configuration is complete, the address counters of all cascaded configurators are reset if the RESET/OE on each configurator is driven to its active (Low) level. If the address counters are not to be reset upon completion, then the RESET/OE input can be tied to its inactive (High) level. The AT17LV65 devices do not have the CEO feature to perform cascaded configurations. 8. AT17LV Series Reset Polarity The AT17LV series configurator allows the user to program the reset polarity as either RESET/OE or RESET/OE. This feature is supported by industry-standard programmer algorithms. 9. Programming Mode The programming mode is entered by bringing SER_EN Low. In this mode the chip can be pro- grammed by the Two-Wire serial bus. The programming is done at V CC supply only. Programming super voltages are generated inside the chip. 10. Standby Mode The AT17LV series configurators enter a low-power standby mode whenever CE is asserted High. In this mode, the AT17LV65/128/256 configurator consumes less than 50 µA of current at 3.3V (100 µA for the AT17LV512/010 and 200 µA for the AT17LV002/040). The output remains in a high-impedance state regardless of the state of the OE input. |
Similar Part No. - AT17LV65-10NC |
|
Similar Description - AT17LV65-10NC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |