Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25F2048 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT25F2048
Description  2Mbit High Speed SPI Serial Flash Memory 2M (262,144 x 8)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25F2048 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT25F2048 Datasheet HTML 1Page - ATMEL Corporation AT25F2048 Datasheet HTML 2Page - ATMEL Corporation AT25F2048 Datasheet HTML 3Page - ATMEL Corporation AT25F2048 Datasheet HTML 4Page - ATMEL Corporation AT25F2048 Datasheet HTML 5Page - ATMEL Corporation AT25F2048 Datasheet HTML 6Page - ATMEL Corporation AT25F2048 Datasheet HTML 7Page - ATMEL Corporation AT25F2048 Datasheet HTML 8Page - ATMEL Corporation AT25F2048 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
AT25F2048
2455I–SFLSH–5/07
Note:
1. This parameter is characterized and is not 100% tested.
Note:
1. VIL and VIH max are reference only and are not tested.
Table 1. Pin Capacitance(1)
Applicable over recommended operating range from TA = 25°C, f = 1.0 MHz, VCC = +3.6V (unless otherwise noted)
Symbol
Test Conditions
Max
Units
Conditions
COUT
Output Capacitance (SO)
8
pF
VOUT = 0V
CIN
Input Capacitance (CS, SCK, SI, WP, HOLD)6
pF
VIN = 0V
Table 2. DC Characteristics (Preliminary – Subject to Change)
Applicable over recommended operating range from: TAI = -40°C to +85°C, VCC = +2.7V to +3.6V,
TAC = 0°C to +70°C, VCC = +2.7V to +3.6V (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC
Supply Voltage
2.7
3.6
V
ICC1
Supply Current
VCC = 3.6V at 33 MHz, SO = Open Read
10.0
17.0
mA
ICC2
Supply Current
VCC = 3.6V at 33 MHz, SO = Open Write
25.0
45.0
mA
ISB
Standby Current
VCC = 2.7V, CS = VCC
2.0
10.0
µA
IIL
Input Leakage
VIN = 0V to VCC
-3.0
3.0
µA
IOL
Output Leakage
VIN = 0V to VCC, TAC = 0°C to 70°C-3.0
3.0
µA
VIL(1)
Input Low Voltage
-0.6
VCC x 0.3
V
VIH(1)
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL
Output Low Voltage
2.7V
≤ V
CC ≤ 3.6V
IOL = 0.15 mA
0.2
V
VOH
Output High Voltage
IOH = -100 µAVCC - 0.2
V


Similar Part No. - AT25F2048

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F2048 ATMEL-AT25F2048 Datasheet
257Kb / 17P
   SPI Serial Memory 2M (262,144 x 8)
AT25F2048N ATMEL-AT25F2048N Datasheet
257Kb / 17P
   SPI Serial Memory 2M (262,144 x 8)
AT25F2048N-10SU-2.7 ATMEL-AT25F2048N-10SU-2.7 Datasheet
257Kb / 17P
   SPI Serial Memory 2M (262,144 x 8)
AT25F2048 ATMEL-AT25F2048_14 Datasheet
495Kb / 19P
   Byte Mode and 256-byte Page Mode for Program Operations
More results

Similar Description - AT25F2048

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F2048 ATMEL-AT25F2048 Datasheet
257Kb / 17P
   SPI Serial Memory 2M (262,144 x 8)
AT25F1024A ATMEL-AT25F1024A_07 Datasheet
617Kb / 20P
   1Mbit High Speed SPI Serial Flash Memory 1M (131,072 x 8)
logo
AiT Semiconductor Inc.
A24CM02 AITSEMI-A24CM02 Datasheet
528Kb / 17P
   MEMORY EEPROM 2M BITS (262,144 X 8) TWO-WIRE SERIAL
REV1.2
logo
Integrated Silicon Solu...
IS28F020 ISSI-IS28F020 Datasheet
695Kb / 18P
   262,144 x 8 CMOS FLASH MEMORY
logo
ATMEL Corporation
AT25F4096 ATMEL-AT25F4096_06 Datasheet
354Kb / 19P
   4Mbit High Speed SPI Serial Flash Memory
AT25F512A ATMEL-AT25F512A_06 Datasheet
622Kb / 19P
   512Kbit High Speed SPI Serial Flash Memory
logo
List of Unclassifed Man...
MR45V200A ETC2-MR45V200A Datasheet
247Kb / 17P
   2M(262,144-Word x 8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
logo
AMIC Technology
A25P020 AMICC-A25P020 Datasheet
650Kb / 45P
   2Mbit Low Voltage, Serial Flash Memory
logo
Integrated Silicon Solu...
IS28F020BLV ISSI-IS28F020BLV Datasheet
1Mb / 39P
   262,144 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
logo
ATMEL Corporation
AT25FS040 ATMEL-AT25FS040_07 Datasheet
656Kb / 25P
   High Speed Small Sectored SPI Flash Memory 4M (524,288 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com