Electronic Components Datasheet Search |
|
ATF1504ASVL-20JU44 Datasheet(PDF) 11 Page - ATMEL Corporation |
|
ATF1504ASVL-20JU44 Datasheet(HTML) 11 Page - ATMEL Corporation |
11 / 31 page 11 ATF1504ASV(L) 1409J–PLD–6/05 Notes: 1. Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec. 2. When microcell reduced-power feature is enabled. Note: Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested. The OGI pin (high-voltage pin during programming) has a maximum capacitance of 12 pF. DC and AC Operating Conditions Commercial Industrial Operating Temperature (Ambient)) 0 °C - 70°C-40°C - 85°C V CC (3.3V) Power Supply 3.0V - 3.6V 3.0V - 3.6V DC Characteristics Symbol Parameter Condition Min Typ Max Units I IL Input or I/O Low Leakage Current V IN = VCC -2 -10 µA I IH Input or I/O High Leakage Current 210 I OZ Tri-State Output Off-State Current V O = VCC or GND -40 40 µA I CC1 Power Supply Current, Standby V CC = Max V IN = 0, VCC Std Mode Com. 60 mA Ind. 75 mA “L” Mode Com. 5 µA Ind. 5 µA I CC2 Power Supply Current, Power-down Mode V CC = Max V IN = 0, VCC “PD” Mode 0.1 5 mA I CC3 (2) Reduced-power Mode Supply Current, Standby V CC = Max V IN = 0, VCC Std Power Com 40 ma Ind 55 V IL Input Low Voltage -0.3 0.8 V V IH Input High Voltage 1.7 V CCIO + 0.3 V V OL Output Low Voltage (TTL) V IN = VIH or VIL V CCIO = Min, IOL = 8 mA Com. 0.45 V Ind. 0.45 Output Low Voltage (CMOS) V IN = VIH or VIL V CC = Min, IOL = 0.1 mA Com. 0.2 V Ind. 0.2 V V OH Output High Voltage - 3.3V (TTL) V IN = VIH or VIL V CCIO = Min, IOH = -2.0 mA 2.4 V Output High Voltage - 3.3V (CMOS) V IN = VIH or VIL V CCIO = Min, IOH = -0.1 mA V CCIO - 0.2 V Pin Capacitance Typ Max Units Conditions C IN 8pF V IN = 0V; f = 1.0 MHz C I/O 8pF V OUT = 0V; f = 1.0 MHz |
Similar Part No. - ATF1504ASVL-20JU44 |
|
Similar Description - ATF1504ASVL-20JU44 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |