Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17LV512-10PC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT17LV512-10PC
Description  FPGA Configuration EEPROM Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV512-10PC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT17LV512-10PC Datasheet HTML 4Page - ATMEL Corporation AT17LV512-10PC Datasheet HTML 5Page - ATMEL Corporation AT17LV512-10PC Datasheet HTML 6Page - ATMEL Corporation AT17LV512-10PC Datasheet HTML 7Page - ATMEL Corporation AT17LV512-10PC Datasheet HTML 8Page - ATMEL Corporation AT17LV512-10PC Datasheet HTML 9Page - ATMEL Corporation AT17LV512-10PC Datasheet HTML 10Page - ATMEL Corporation AT17LV512-10PC Datasheet HTML 11Page - ATMEL Corporation AT17LV512-10PC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
2321I–CNFG–2/08
AT17LV65/128/256/512/010/002/040
4.10
A2
Device selection input, A2. This is used to enable (or select) the device during programming
(i.e., when SER_EN is Low). A2 has an internal pull-down resistor.
4.11
READY
Open collector reset state indicator. Driven Low during power-up reset, released when power-up
is complete. It is recommended to use a 4.7 k
Ω pull-up resistor when this pin is used.
4.12
SER_EN
Serial enable must be held High during FPGA loading operations. Bringing SER_EN Low
enables the Two-Wire Serial Programming Mode. For non-ISP applications, SER_EN should be
tied to V
CC.
4.13
V
CC
3.3V (±10%) and 5.0V (±5% Commercial, ±10% Industrial) power supply pin.
5.
FPGA Master Serial Mode Summary
The I/O and logic functions of any SRAM-based FPGA are established by a configuration pro-
gram. The program is loaded either automatically upon power-up, or on command, depending
on the state of the FPGA mode pins. In Master mode, the FPGA automatically loads the config-
uration program from an external memory. The AT17LV Serial Configuration EEPROM has
been designed for compatibility with the Master Serial mode.
This document discusses the Atmel AT40K, AT40KAL and AT94KAL applications as well as Xil-
inx applications.
6.
Control of Configuration
Most connections between the FPGA device and the AT17LV Serial EEPROM are simple and
self-explanatory.
• The DATA output of the AT17LV series configurator drives DIN of the FPGA devices.
• The master FPGA CCLK output drives the CLK input of the AT17LV series configurator.
• The CEO output of any AT17LV series configurator drives the CE input of the next
configurator in a cascaded chain of EEPROMs.
•SER_EN must be connected to V
CC (except during ISP).
• The READY(1) pin is available as an open-collector indicator of the device’s reset status; it is
driven Low while the device is in its power-on reset cycle and released (tri-stated) when the
cycle is complete.
Note:
1. This pin is not available for the AT17LV65/128/256 devices.


Similar Part No. - AT17LV512-10PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV512-10PC ATMEL-AT17LV512-10PC Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
More results

Similar Description - AT17LV512-10PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17LV256 ATMEL-AT17LV256 Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17C020 ATMEL-AT17C020 Datasheet
218Kb / 12P
   2-megabit FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com