Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17LV002A-10JU Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT17LV002A-10JU
Description  FPGA Configuration EEPROM Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV002A-10JU Datasheet(HTML) 4 Page - ATMEL Corporation

  AT17LV002A-10JU Datasheet HTML 1Page - ATMEL Corporation AT17LV002A-10JU Datasheet HTML 2Page - ATMEL Corporation AT17LV002A-10JU Datasheet HTML 3Page - ATMEL Corporation AT17LV002A-10JU Datasheet HTML 4Page - ATMEL Corporation AT17LV002A-10JU Datasheet HTML 5Page - ATMEL Corporation AT17LV002A-10JU Datasheet HTML 6Page - ATMEL Corporation AT17LV002A-10JU Datasheet HTML 7Page - ATMEL Corporation AT17LV002A-10JU Datasheet HTML 8Page - ATMEL Corporation AT17LV002A-10JU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
2322G–CNFG–03/06
AT17LV65A/128A/256A/512A/002A
3.
Device Description
The control signals for the configuration EEPROM (nCS, RESET/OE and DCLK) interface
directly with the FPGA device control signals. All FPGA devices can control the entire configura-
tion process and retrieve data from the configuration EEPROM without requiring an external
controller.
The configuration EEPROM’s RESET/OE and nCS pins control the tri-state buffer on the DATA
output pin and enable the address counter and the oscillator. When RESET/OE is driven Low,
the configuration EEPROM resets its address counter and tri-states its DATA pin. The nCS pin
also controls the output of the AT17A series configurator. If nCS is held High after the
RESET/OE pulse, the counter is disabled and the DATA output pin is tri-stated. When nCS is
driven subsequently Low, the counter and the DATA output pin are enabled. When RESET/OE
is driven Low again, the address counter is reset and the DATA output pin is tri-stated, regard-
less of the state of the nCS.
When the configurator has driven out all of its data and nCASC is driven Low, the device tri-
states the DATA pin to avoid contention with other configurators. Upon power-up, the address
counter is automatically reset.
This is the default setting for the device. Since almost all FPGAs use RESET Low and OE High,
this document will describe RESET/OE.
4.
Pin Description
Note:
1. The nCASC feature is not available on the AT17LV65A device.
Name
I/O
AT17LV65A/
AT17LV128A/
AT17LV256A
AT17LV512A/
AT17LV010A
AT17LV002A
20
PLCC
8
PDIP
20
PLCC
32
TQFP
20
PLCC
32
TQFP
DATA
I/O
2
1
2
31
2
31
DCLK
I
42
4242
WP1
I
––
5454
RESET/OE
I
8
3
8787
nCS
I9
4
9
10
9
10
GND
10
5
10
12
10
12
nCASC
O
12
6
12151215
A2
I
READY
O
15
20
15
20
SER_EN
I
18
7
18
23
18
23
V
CC
20
8
20272027


Similar Part No. - AT17LV002A-10JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV002A-10JC ATMEL-AT17LV002A-10JC Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17LV002A-10JC ATMEL-AT17LV002A-10JC Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17LV002A-10JI ATMEL-AT17LV002A-10JI Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17LV002A-10JI ATMEL-AT17LV002A-10JI Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
More results

Similar Description - AT17LV002A-10JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_08 Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17LV256 ATMEL-AT17LV256 Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17C020 ATMEL-AT17C020 Datasheet
218Kb / 12P
   2-megabit FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com