Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17LV256-10SU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT17LV256-10SU
Description  FPGA Configuration EEPROM Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV256-10SU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT17LV256-10SU Datasheet HTML 7Page - ATMEL Corporation AT17LV256-10SU Datasheet HTML 8Page - ATMEL Corporation AT17LV256-10SU Datasheet HTML 9Page - ATMEL Corporation AT17LV256-10SU Datasheet HTML 10Page - ATMEL Corporation AT17LV256-10SU Datasheet HTML 11Page - ATMEL Corporation AT17LV256-10SU Datasheet HTML 12Page - ATMEL Corporation AT17LV256-10SU Datasheet HTML 13Page - ATMEL Corporation AT17LV256-10SU Datasheet HTML 14Page - ATMEL Corporation AT17LV256-10SU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
2321I–CNFG–2/08
AT17LV65/128/256/512/010/002/040
13. DC Characteristics
V
CC = 3.3V ± 10%
Symbol
Description
AT17LV65/
AT17LV128/
AT17LV256
AT17LV512/
AT17LV010
AT17LV002/
AT17LV040
Units
Min
Max
Min
Max
Min
Max
V
IH
High-level Input Voltage
2.0
V
CC
2.0
V
CC
2.0
V
CC
V
V
IL
Low-level Input Voltage
0
0.8
0
0.8
0
0.8
V
V
OH
High-level Output Voltage (I
OH = -2.5 mA)
Commercial
2.4
2.4
2.4
V
V
OL
Low-level Output Voltage (I
OL = +3 mA)
0.4
0.4
0.4
V
V
OH
High-level Output Voltage (I
OH = -2 mA)
Industrial
2.4
2.4
2.4
V
V
OL
Low-level Output Voltage (I
OL = +3 mA)
0.4
0.4
0.4
V
I
CCA
Supply Current, Active Mode
5
5
5
mA
I
L
Input or Output Leakage Current (V
IN = VCC or GND)
-10
10
-10
10
-10
10
µA
I
CCS
Supply Current, Standby Mode
Commercial
50
100
150
µA
Industrial
100
100
150
µA
14. DC Characteristics
V
CC = 5V ± 5% Commercial; VCC = 5V ± 10% Industrial
Symbol
Description
AT17LV65/
AT17LV128/
AT17LV256
AT17LV512/
AT17LV010
AT17LV002/
AT17LV040
Units
Min
Max
Min
Max
Min
Max
V
IH
High-level Input Voltage
2.0
V
CC
2.0
V
CC
2.0
V
CC
V
V
IL
Low-level Input Voltage
0
0.8
0
0.8
0
0.8
V
V
OH
High-level Output Voltage (I
OH = -2.5 mA)
Commercial
3.7
3.86
3.86
V
V
OL
Low-level Output Voltage (I
OL = +3 mA)
0.32
0.32
0.32
V
V
OH
High-level Output Voltage (I
OH = -2 mA)
Industrial
3.6
3.76
3.76
V
V
OL
Low-level Output Voltage (I
OL = +3 mA)
0.37
0.37
0.37
V
I
CCA
Supply Current, Active Mode
10
10
10
mA
I
L
Input or Output Leakage Current (V
IN = VCC or GND)
-10
10
-10
10
-10
10
µA
I
CCS
Supply Current, Standby Mode
Commercial
75
200
350
µA
Industrial
150
200
350
µA


Similar Part No. - AT17LV256-10SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV256-10SC ATMEL-AT17LV256-10SC Datasheet
149Kb / 10P
   FPGA Configuration E2PROM
AT17LV256-10SC ATMEL-AT17LV256-10SC Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17LV256-10SI ATMEL-AT17LV256-10SI Datasheet
149Kb / 10P
   FPGA Configuration E2PROM
AT17LV256-10SI ATMEL-AT17LV256-10SI Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
More results

Similar Description - AT17LV256-10SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17LV256 ATMEL-AT17LV256 Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17C020 ATMEL-AT17C020 Datasheet
218Kb / 12P
   2-megabit FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com