Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17LV010-10CU Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT17LV010-10CU
Description  FPGA Configuration EEPROM Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV010-10CU Datasheet(HTML) 1 Page - ATMEL Corporation

  AT17LV010-10CU Datasheet HTML 1Page - ATMEL Corporation AT17LV010-10CU Datasheet HTML 2Page - ATMEL Corporation AT17LV010-10CU Datasheet HTML 3Page - ATMEL Corporation AT17LV010-10CU Datasheet HTML 4Page - ATMEL Corporation AT17LV010-10CU Datasheet HTML 5Page - ATMEL Corporation AT17LV010-10CU Datasheet HTML 6Page - ATMEL Corporation AT17LV010-10CU Datasheet HTML 7Page - ATMEL Corporation AT17LV010-10CU Datasheet HTML 8Page - ATMEL Corporation AT17LV010-10CU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Features
EE Programmable 65,536 x 1-, 131,072 x 1-, 262,144 x 1-, 524,288 x 1-, 1,048,576 x 1-,
2,097,152 x 1-, and 4,194,304 x 1-bit Serial Memories Designed to Store Configuration
Programs for Field Programmable Gate Arrays (FPGAs)
Supports both 3.3V and 5.0V Operating Voltage Applications
In-System Programmable (ISP) via Two-Wire Bus
Simple Interface to SRAM FPGAs
Compatible with Atmel AT6000, AT40K and AT94K Devices, Altera® FLEX®, APEX
Devices, ORCA®, Xilinx® XC3000, XC4000, XC5200, Spartan®, Virtex® FPGAs
Cascadable Read-back to Support Additional Configurations or Higher-density Arrays
Very Low-power CMOS EEPROM Process
Programmable Reset Polarity
Available in 6 mm x 6 mm x 1 mm 8-lead LAP (Pin-compatible with 8-lead SOIC/VOIC
Packages), 8-lead PDIP, 8-lead SOIC, 20-lead PLCC, 20-lead SOIC and 44-lead TQFP
Packages
Emulation of Atmel’s AT24CXXX Serial EEPROMs
Low-power Standby Mode
High-reliability
– Endurance: 100,000 Write Cycles
– Data Retention: 90 Years for Industrial Parts (at 85
° C) and 190 Years for
Commercial Parts (at 70
° C)
Green (Pb/Halide-free/RoHS Compliant) Package Options Available
1.
Description
The AT17LV series FPGA Configuration EEPROMs (Configurators) provide an easy-
to-use, cost-effective configuration memory for Field Programmable Gate Arrays. The
AT17LV series device is packaged in the 8-lead LAP, 8-lead PDIP, 8-lead SOIC, 20-
lead PLCC, 20-lead SOIC and 44-lead TQFP, see Table 1-1. The AT17LV series
Configurators uses a simple serial-access procedure to configure one or more FPGA
devices. The user can select the polarity of the reset function by programming four
EEPROM bytes. These devices also support a write-protection mechanism within its
programming mode.
The AT17LV series configurators can be programmed with industry-standard pro-
grammers, Atmel’s ATDH2200E Programming Kit or Atmel’s ATDH2225 ISP Cable.
FPGA
Configuration
EEPROM
Memory
AT17LV65
AT17LV128
AT17LV256
AT17LV512
AT17LV010
AT17LV002
AT17LV040
3.3V and 5V
System Support
2321I–CNFG–2/08


Similar Part No. - AT17LV010-10CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV010-10CC ATMEL-AT17LV010-10CC Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17LV010-10CI ATMEL-AT17LV010-10CI Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
More results

Similar Description - AT17LV010-10CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17LV256 ATMEL-AT17LV256 Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17C020 ATMEL-AT17C020 Datasheet
218Kb / 12P
   2-megabit FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com