Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17F080A-30QI Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT17F080A-30QI
Description  FPGA Configuration Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F080A-30QI Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT17F080A-30QI Datasheet HTML 6Page - ATMEL Corporation AT17F080A-30QI Datasheet HTML 7Page - ATMEL Corporation AT17F080A-30QI Datasheet HTML 8Page - ATMEL Corporation AT17F080A-30QI Datasheet HTML 9Page - ATMEL Corporation AT17F080A-30QI Datasheet HTML 10Page - ATMEL Corporation AT17F080A-30QI Datasheet HTML 11Page - ATMEL Corporation AT17F080A-30QI Datasheet HTML 12Page - ATMEL Corporation AT17F080A-30QI Datasheet HTML 13Page - ATMEL Corporation AT17F080A-30QI Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
2823D–CNFG–2/08
AT17F040A/080A
Notes:
1. Preliminary specifications for military operating range only.
2. AC test lead = 50 pF.
3. Float delays are measured with 5 pF AC loads. Transition is measured ± 200 mV from steady-state active levels.
4. See the AT17FxxxA Programming Specfication for procedural information.
16. AC Characteristics
Symbol
Description
AT17F040A/080A
Units
Min
Typ
Max
T
OE
(2)
OE to Data Delay
Commercial
50
ns
Industrial(1)
55
ns
T
CE
(2)
nCS to Data Delay
Commercial
55
ns
Industrial(1)
60
ns
T
CAC
(2)
DCLK to Data Delay
Commercial
30
ns
Industrial(1)
30
ns
T
OH
Data Hold from nCS, OE, or DCLK
Commercial
0
ns
Industrial(1)
0ns
T
DF
(3)
nCS or OE to Data Float Delay
Commercial
15
ns
Industrial(1)
15
ns
T
LC
DCLK Low Time
Commercial
15
ns
Industrial(1)
15
ns
T
HC
DCLK High Time
Commercial
15
ns
Industrial(1)
15
ns
T
SCE
nCS Setup Time to DCLK
(to guarantee proper counting)
Commercial
20
ns
Industrial(1)
25
ns
T
HCE
nCS Hold Time from DCLK
(to guarantee proper counting)
Commercial
0
ns
Industrial(1)
0ns
T
HOE
RESET/OE Low Time
(guarantees counter is reset)
Commercial
20
ns
Industrial(1)
20
ns
F
MAX
Maximum Input Clock Frequency
SEREN = 0
Commercial
10
MHz
Industrial(1)
10
MHz
T
WR
Write Cycle Time(4)
Commercial
12
µs
Industrial(1)
12
µs
T
EC
Erase Cycle Time(4)
Commercial
13
s
Industrial(1)
13
s


Similar Part No. - AT17F080A-30QI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17F080A ATMEL-AT17F080A_14 Datasheet
327Kb / 16P
   In-System Programmable (ISP) via 2-wire Bus
More results

Similar Description - AT17F080A-30QI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
   FPGA Configuration Flash Memory
AT17F040 ATMEL-AT17F040_08 Datasheet
340Kb / 19P
   FPGA Configuration Flash Memory
AT17F32 ATMEL-AT17F32 Datasheet
252Kb / 14P
   FPGA Configuration Flash Memory
AT18F010 ATMEL-AT18F010 Datasheet
347Kb / 16P
   FPGA Configuration Flash Memory
AT17F16 ATMEL-AT17F16 Datasheet
217Kb / 18P
   FPGA Configuration Flash Memory
AT17F16 ATMEL-AT17F16_08 Datasheet
333Kb / 20P
   FPGA Configuration Flash Memory
AT17F32A ATMEL-AT17F32A Datasheet
190Kb / 14P
   FPGA Configuration Flash Memory
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com