Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89S8253 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89S8253
Description  8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S8253 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89S8253_08 Datasheet HTML 7Page - ATMEL Corporation AT89S8253_08 Datasheet HTML 8Page - ATMEL Corporation AT89S8253_08 Datasheet HTML 9Page - ATMEL Corporation AT89S8253_08 Datasheet HTML 10Page - ATMEL Corporation AT89S8253_08 Datasheet HTML 11Page - ATMEL Corporation AT89S8253_08 Datasheet HTML 12Page - ATMEL Corporation AT89S8253_08 Datasheet HTML 13Page - ATMEL Corporation AT89S8253_08 Datasheet HTML 14Page - ATMEL Corporation AT89S8253_08 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
11
3286L–MICRO–8/08
AT89S8253
7.
Power-On Reset
A Power-On Reset (POR) is generated by an on-chip detection circuit. The detection level is
nominally 1.4V. The POR is activated whenever V
CC is below the detection level. The POR cir-
cuit can be used to trigger the start-up reset or to detect a supply voltage failure in devices
without a brown-out detector. The POR circuit ensures that the device is reset from power-on.
When V
CC reaches the Power-on Reset threshold voltage, the POR delay counter determines
how long the device is kept in POR after V
CC rise, nominally 2 ms. The POR signal is activated
again, without any delay, when V
CC falls below the POR threshold level. A Power-On Reset (i.e.
a cold reset) will set the POF flag in PCON.
Figure 7-1.
Power-up and Brown-out Detection Sequence
7.1
Brown-out Reset
The AT89S8253 has an on-chip Brown-out Detection (BOD) circuit for monitoring the V
CC level
during operation by comparing it to a fixed trigger level of 2.4V (max). The trigger level for the
BOD is nominally 2.2V. The purpose of the BOD is to ensure that if V
CC fails or dips while exe-
cuting at speed, the system will gracefully enter reset without the possibility of errors induced by
incorrect execution. When V
CC decreases to a value below the trigger level, the Brown-out Reset
is immediately activated. When V
CC increases above the trigger level, the BOD delay counter
starts the MCU after the timeout period has expired in approximately 2 ms.
POR
POR Level 1.4V
BOD Level 2.3V
Min V
CC Level 2.7V
XTAL1
BOD
Internal
RESET
t
t
t
t
t
V
CC
t
POR
(2 ms)
t
POR
(2 ms)
2.4V
1.2V
0


Similar Part No. - AT89S8253_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253_07 Datasheet
759Kb / 56P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_09 Datasheet
1Mb / 60P
   8-bit Microcontroller with 12K Bytes Flash
More results

Similar Description - AT89S8253_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253 Datasheet
961Kb / 59P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_07 Datasheet
759Kb / 56P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S53 ATMEL-AT89S53 Datasheet
471Kb / 32P
   8-Bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53_00 Datasheet
448Kb / 33P
   8-bit Microcontroller with 12K Bytes Flash
AT89LS53 ATMEL-AT89LS53 Datasheet
490Kb / 31P
   8-Bit Microcontroller with 12K Bytes Flash
AT89S8253 ATMEL-AT89S8253_09 Datasheet
1Mb / 60P
   8-bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53_06 Datasheet
637Kb / 35P
   8-bit Microcontroller with 12K Bytes Flash
AT89LS53 ATMEL-AT89LS53_06 Datasheet
685Kb / 35P
   8-Bit Microcontroller with 12K Bytes Flash
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com