Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17F32 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT17F32
Description  FPGA Configuration Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F32 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT17F32 Datasheet HTML 3Page - ATMEL Corporation AT17F32 Datasheet HTML 4Page - ATMEL Corporation AT17F32 Datasheet HTML 5Page - ATMEL Corporation AT17F32 Datasheet HTML 6Page - ATMEL Corporation AT17F32 Datasheet HTML 7Page - ATMEL Corporation AT17F32 Datasheet HTML 8Page - ATMEL Corporation AT17F32 Datasheet HTML 9Page - ATMEL Corporation AT17F32 Datasheet HTML 10Page - ATMEL Corporation AT17F32 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
3393C–CNFG–6/05
AT17F32
6.
FPGA Master Serial Mode Summary
The I/O and logic functions of any SRAM-based FPGA are established by a configuration pro-
gram. The program is loaded either automatically upon power-up, or on command, depending
on the state of the FPGA mode pins. In Master mode, the FPGA automatically loads the config-
uration program from an external memory. The AT17F Serial Configuration PROM has been
designed for compatibility with the Master Serial mode.
This document discusses the Atmel AT40K, AT40KAL and AT94KAL applications as well as Xil-
inx applications.
7.
Control of Configuration
Most connections between the FPGA device and the AT17F Serial Configurator PROM are sim-
ple and self-explanatory.
• The DATA output of the AT17F Series Configurator drives DIN of the FPGA devices.
• The master FPGA CCLK output drives the CLK input of the AT17F Series Configurator.
•The CEO output of any AT17F Series Configurator drives the CE input of the next
Configurator in a cascade chain of configurator devices.
• SER_EN must be at logic high level (internal pull-up provided) except during ISP.
• The READY pin is available as an open-collector indicator of the device’s reset status; it is
driven Low while the device is in its power-on reset cycle and released (tri-stated) when the
cycle is complete.
• PAGE_EN must be held Low if download paging is not desired. The PAGESEL[1:0] inputs
must be tied off High or Low. If paging is desired, PAGE_EN must be High and the PAGESEL
pins must be set to High or Low such that the desired page is selected, see Table 5-2 on
page 5.
8.
Cascading Serial Configuration Devices
For multiple FPGAs configured as a daisy-chain, or for FPGAs requiring larger configuration
memories, cascaded configurators provide additional memory.
After the last bit from the first configurator is read, the clock signal to the configurator asserts its
CEO output Low and disables its DATA line driver. The second configurator recognizes the Low
level on its CE input and enables its DATA output.
After configuration is complete, the address counters of all cascaded configurators are reset if
the RESET/OE on each configurator is driven to its active (Low) level.
If the address counters are not to be reset upon completion, then the RESET/OE input can be
tied to its inactive (High) level.
9.
Programming Mode
The programming mode is entered by bringing SER_EN Low. In this mode the chip can be pro-
grammed by the 2-wire serial bus. The programming is done at V
CC supply only. Programming
super voltages are generated inside the chip. The AT17F parts are read/write at 3.3V nominal.
Ref e r t o t h e AT17F Pr og ram m ing Sp ecif icat ion ava ilable on t h e Atme l we b site
(www.atmel.com) for more programming details. AT17F devices are supported by the Atmel
ATDH2200 programming system along with many third party programmers.


Similar Part No. - AT17F32

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17F32A ATMEL-AT17F32A Datasheet
190Kb / 14P
   FPGA Configuration Flash Memory
AT17F32A-30BJI ATMEL-AT17F32A-30BJI Datasheet
190Kb / 14P
   FPGA Configuration Flash Memory
AT17F32A-30BJU ATMEL-AT17F32A-30BJU Datasheet
190Kb / 14P
   FPGA Configuration Flash Memory
AT17F32A ATMEL-AT17F32A_14 Datasheet
191Kb / 14P
   In-System Programmable (ISP) via 2-wire Bus
AT17F32 ATMEL-AT17F32_14 Datasheet
253Kb / 14P
   3.3V Output Capability
More results

Similar Description - AT17F32

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
   FPGA Configuration Flash Memory
AT17F040 ATMEL-AT17F040_08 Datasheet
340Kb / 19P
   FPGA Configuration Flash Memory
AT17F040A ATMEL-AT17F040A Datasheet
326Kb / 16P
   FPGA Configuration Flash Memory
AT18F010 ATMEL-AT18F010 Datasheet
347Kb / 16P
   FPGA Configuration Flash Memory
AT17F16 ATMEL-AT17F16 Datasheet
217Kb / 18P
   FPGA Configuration Flash Memory
AT17F16 ATMEL-AT17F16_08 Datasheet
333Kb / 20P
   FPGA Configuration Flash Memory
AT17F32A ATMEL-AT17F32A Datasheet
190Kb / 14P
   FPGA Configuration Flash Memory
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com