Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17N256-10NI Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT17N256-10NI
Description  FPGA Configuration Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17N256-10NI Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT17N256-10NI Datasheet HTML 2Page - ATMEL Corporation AT17N256-10NI Datasheet HTML 3Page - ATMEL Corporation AT17N256-10NI Datasheet HTML 4Page - ATMEL Corporation AT17N256-10NI Datasheet HTML 5Page - ATMEL Corporation AT17N256-10NI Datasheet HTML 6Page - ATMEL Corporation AT17N256-10NI Datasheet HTML 7Page - ATMEL Corporation AT17N256-10NI Datasheet HTML 8Page - ATMEL Corporation AT17N256-10NI Datasheet HTML 9Page - ATMEL Corporation AT17N256-10NI Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
AT17N256/512/010/002/040
3020C–CNFG–08/07
FPGA Master Serial
Mode Summary
The I/O and logic functions of any SRAM-based FPGA are established by a configura-
tion program. The program is loaded either automatically upon power-up, or on
command, depending on the state of the FPGA mode pins. In Master mode, the FPGA
automatically loads the configuration program from an external memory. The AT17N
Serial Configuration EEPROM has been designed for compatibility with the Master
Serial mode.
This document discusses the master serial mode configuration of Atmel AT17N series
configuration memories, pin compatible with Spartan-II, Spartan-IIE and Spartan XL
OTP PROMs.
Control of
Configuration
Most connections between the FPGA device and the AT17N Serial EEPROM are simple
and self-explanatory.
The DATA output of the AT17N series configurator drives DIN of the FPGA devices.
The master FPGA CCLK output drives the CLK input of the AT17N series
configurator.
SER_EN must be connected to V
CC (except during ISP).
•The CE and OE/Reset are driven by the FPGA to enable output data buffer of the
EEPROM.
Programming Mode
The programming mode is entered by bringing SER_EN Low. In this mode the chip can
be programmed by the Two-Wire serial bus. The programming is done at V
CC supply
only. Programming super voltages are generated inside the chip.
Standby Mode
The AT17N series configurators enter a low-power standby mode whenever CE is
asserted High. In this mode, the AT17N256 configurator consumes less than 50 µA of
current at 3.3V (100 µA for the AT17N512/010 and 200 µA for the AT17N002/040).


Similar Part No. - AT17N256-10NI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17N256-10NI ATMEL-AT17N256-10NI Datasheet
205Kb / 18P
   FPGA Configuration Memory
More results

Similar Description - AT17N256-10NI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17N256 ATMEL-AT17N256 Datasheet
205Kb / 18P
   FPGA Configuration Memory
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
   FPGA Configuration Flash Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F040 ATMEL-AT17F040_08 Datasheet
340Kb / 19P
   FPGA Configuration Flash Memory
AT17F040A ATMEL-AT17F040A Datasheet
326Kb / 16P
   FPGA Configuration Flash Memory
AT17F32 ATMEL-AT17F32 Datasheet
252Kb / 14P
   FPGA Configuration Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com