Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C64B-10TU-1.8 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT24C64B-10TU-1.8
Description  2-Wire Serial EEPROM 64K (8192 x 8)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C64B-10TU-1.8 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT24C64B-10TU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT24C64B-10TU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT24C64B-10TU-1.8 Datasheet HTML 9Page - ATMEL Corporation AT24C64B-10TU-1.8 Datasheet HTML 10Page - ATMEL Corporation AT24C64B-10TU-1.8 Datasheet HTML 11Page - ATMEL Corporation AT24C64B-10TU-1.8 Datasheet HTML 12Page - ATMEL Corporation AT24C64B-10TU-1.8 Datasheet HTML 13Page - ATMEL Corporation AT24C64B-10TU-1.8 Datasheet HTML 14Page - ATMEL Corporation AT24C64B-10TU-1.8 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
3350E–SEEPR–9/07
AT24C64B
Figure 13-5. Random Read
Note:
1. * = DON’T CARE bits
Figure 13-6. Sequential Read


Similar Part No. - AT24C64B-10TU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C64B-10TU-1.8 ATMEL-AT24C64B-10TU-1.8 Datasheet
295Kb / 17P
   2 WIRE SERIAL EEPROM
More results

Similar Description - AT24C64B-10TU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32A ATMEL-AT24C32A Datasheet
216Kb / 20P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32C ATMEL-AT24C32C_08 Datasheet
812Kb / 28P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
logo
AiT Semiconductor Inc.
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
ATMEL Corporation
AT24C32A ATMEL-AT24C32A_07 Datasheet
687Kb / 22P
   Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A_08 Datasheet
313Kb / 18P
   Two-wire Automotive Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT25320B ATMEL-AT25320B Datasheet
683Kb / 23P
   SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
logo
Holtek Semiconductor In...
HT24LC64 HOLTEK-HT24LC64 Datasheet
487Kb / 10P
   CMOS 64K 2-WIRE SERIAL EEPROM
logo
E-CMOS Corporation
EC24C64B E-CMOS-EC24C64B Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C1024 ATMEL-AT24C1024 Datasheet
291Kb / 19P
   2-wire Serial EEPROM 1M (131,072 x 8)
logo
Sanyo Semicon Device
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com