Electronic Components Datasheet Search |
|
AT93C56A-10SU-2.7 Datasheet(PDF) 5 Page - ATMEL Corporation |
|
AT93C56A-10SU-2.7 Datasheet(HTML) 5 Page - ATMEL Corporation |
5 / 21 page 5 3378M–SEEPR–7/08 AT93C56A/66A Note: 1. This parameter is characterized and is not 100% tested. Table 3-3. AC Characteristics Applicable over recommended operating range from T AI = −40°C to + 85°C, VCC = As Specified, CL = 1 TTL Gate and 100 pF (unless otherwise noted) Symbol Parameter Test Condition Min Typ Max Units f SK SK Clock Frequency 4.5V ≤ V CC ≤ 5.5V 2.7V ≤ V CC ≤ 5.5V 1.8V ≤ V CC ≤ 5.5V 0 0 0 2 1 0.25 MHz t SKH SK High Time 2.7V ≤ V CC ≤ 5.5V 1.8V ≤ V CC ≤ 5.5V 250 1000 ns t SKL SK Low Time 2.7V ≤ V CC ≤ 5.5V 1.8V ≤ V CC ≤ 5.5V 250 1000 ns t CS Minimum CS Low Time 2.7V ≤ V CC ≤ 5.5V 1.8V ≤ V CC ≤ 5.5V 250 1000 ns t CSS CS Setup Time Relative to SK 2.7V ≤ V CC ≤ 5.5V 1.8V ≤ V CC ≤ 5.5V 50 200 ns t DIS DI Setup Time Relative to SK 2.7V ≤ V CC ≤ 5.5V 1.8V ≤ V CC ≤ 5.5V 100 400 ns t CSH CS Hold Time Relative to SK 0 ns t DIH DI Hold Time Relative to SK 2.7V ≤ V CC ≤ 5.5V 1.8V ≤ V CC ≤ 5.5V 100 400 ns t PD1 Output Delay to “1” AC Test 2.7V ≤ V CC ≤ 5.5V 1.8V ≤ V CC ≤ 5.5V 250 1000 ns t PD0 Output Delay to “0” AC Test 2.7V ≤ V CC ≤ 5.5V 1.8V ≤ V CC ≤ 5.5V 250 1000 ns t SV CS to Status Valid AC Test 2.7V ≤ V CC ≤ 5.5V 1.8V ≤ V CC ≤ 5.5V 250 1000 ns t DF CS to DO in High Impedance AC Test CS = V IL 2.7V ≤ V CC ≤ 5.5V 1.8V ≤ V CC ≤ 5.5V 150 400 ns t WP Write Cycle Time 1.8V ≤ V CC ≤ 5.5V 0.1 3 10 ms Endurance (Note:) 5.0V, 25°C 1M Write Cycles |
Similar Part No. - AT93C56A-10SU-2.7 |
|
Similar Description - AT93C56A-10SU-2.7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |