Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1502BE Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATF1502BE
Description  Highperformance CPLD
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502BE Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATF1502BE Datasheet HTML 4Page - ATMEL Corporation ATF1502BE Datasheet HTML 5Page - ATMEL Corporation ATF1502BE Datasheet HTML 6Page - ATMEL Corporation ATF1502BE Datasheet HTML 7Page - ATMEL Corporation ATF1502BE Datasheet HTML 8Page - ATMEL Corporation ATF1502BE Datasheet HTML 9Page - ATMEL Corporation ATF1502BE Datasheet HTML 10Page - ATMEL Corporation ATF1502BE Datasheet HTML 11Page - ATMEL Corporation ATF1502BE Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
3492A–PLD–12/05
ATF1502BE
5.
Programming Methods
The ATF1502BE devices are In-System Programmable (ISP) or In-System Configurable (ISC)
devices utilizing the 4-pin JTAG protocol. This capability eliminates package handling normally
required for programming and facilitates rapid design iterations and field changes.
When using the ISP hardware or software to program the ATF1502BE devices, four I/O pins
must be reserved for the JTAG interface. However, the logic features that the macrocells have
associated with these I/O pins are still available to the design for buried logic functions.
To facilitate ISP programming by the Automated Test Equipment (ATE) vendors, Serial Vector
Format (SVF) files can be created by Atmel-provided software utilities. ATF1502BE devices can
also be programmed using standard third-party programmers. With a third-party programmer,
the JTAG ISP port can be disabled, thereby allowing four additional I/O pins to be used for logic.
The AT1502BE device supports several configuration modes which gives designers several
unique options for programming.
The different modes of programming are:
• ISC – In System Configuration
• OTF – On-the-Fly Reconfiguration
• DRA – Direct Reconfiguration Access
5.1
In-System Configuration – ISC (Also Referred to as ISP)
This mode is the de-facto standard used to program the CPLD when it is attached to a PCB. The
term ISC can also be used interchangeably with ISP (In-system Programming). ISC or ISP elim-
inates the need for an external device programmer, and the devices can be soldered to a PCB
without being preprogrammed.
In the ISC mode, the logic operation of the ATF1502BE is halted and the embedded configura-
tion memory is programmed. The device is programmed by first erasing the configuration
memory in the CPLD and loading the new configuration data into the memory, which in-turn con-
figures the PLD for functional mode. When the device is in the ISC programming mode, all user
I/Os are held in the high impedance state.
The ISC mode is best suited for working with the ATF1502BE device in a design development or
production environment. Configuration of the ATF1502BE device done via a Download Cable
(see Figure 5-1 on page 8) is the default mode used to program the device in the ISC mode. In
this mode, the PC is typically the controlling device that communicates with the CPLD.
Figure 5-1.
Configuration of ATF1502BE Device Using a Download Cable
TCK
TDO
TMS
TDI
ATF1502BE
CPLD Device
2
4
6
8
10
1
3
5
7
9
VCC
JTAG
Connector
Connect
ISP Download
Cable to 10-pin
JTAG Header


Similar Part No. - ATF1502BE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502BE ATMEL-ATF1502BE_14 Datasheet
531Kb / 24P
   High-performance Fully CMOS, Electrically-erasable Complex Programmable
More results

Similar Description - ATF1502BE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF1502ASV ATMEL-ATF1502ASV_06 Datasheet
377Kb / 25P
   Highperformance EEPROM CPLD
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com