Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17N010-10SI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT17N010-10SI
Description  FPGA Configuration Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17N010-10SI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT17N010-10SI Datasheet HTML 4Page - ATMEL Corporation AT17N010-10SI Datasheet HTML 5Page - ATMEL Corporation AT17N010-10SI Datasheet HTML 6Page - ATMEL Corporation AT17N010-10SI Datasheet HTML 7Page - ATMEL Corporation AT17N010-10SI Datasheet HTML 8Page - ATMEL Corporation AT17N010-10SI Datasheet HTML 9Page - ATMEL Corporation AT17N010-10SI Datasheet HTML 10Page - ATMEL Corporation AT17N010-10SI Datasheet HTML 11Page - ATMEL Corporation AT17N010-10SI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
AT17N256/512/010/002/040
3020C–CNFG–08/07
Notes:
1. AC test lead = 50 pF.
2. Float delays are measured with 5 pF AC loads. Transition is measured ± 200 mV from steady-state active levels.
DC Characteristics
V
CC = 3.3V ± 10%
Symbol
Description
AT17N256
AT17N512/
AT17N010
AT17N002/
AT17N040
Units
Min
Max
Min
Max
Min
Max
VIH
High-level Input Voltage
2.0
VCC
2.0
VCC
2.0
VCC
V
V
IL
Low-level Input Voltage
0
0.8
0
0.8
0
0.8
V
VOH
High-level Output Voltage
(IOH = -2.5 mA)
Commercial
2.4
2.4
2.4
V
VOL
Low-level Output Voltage
(IOL = +3 mA)
0.4
0.4
0.4
V
V
OH
High-level Output Voltage
(I
OH = -2 mA)
Industrial
2.4
2.4
2.4
V
VOL
Low-level Output Voltage
(IOL = +3 mA)
0.4
0.4
0.4
V
I
CCA
Supply Current, Active Mode
5
5
5
mA
IL
Input or Output Leakage Current
(VIN = VCC or GND)
-10
10
-10
10
-10
10
µA
ICCS
Supply Current, Standby Mode
Commercial
50
100
150
µA
Industrial
100
100
150
µA
AC Characteristics
V
CC = 3.3V ± 10%
Symbol
Description
AT17N256
AT17N512/010/002/040
Units
Commercial
Industrial
Commercial
Industrial
Min
Max
Min
Max
Min
Max
Min
Max
TOE
(1)
OE to Data Delay
50
55
50
55
ns
T
CE
(1)
CE to Data Delay
60
60
55
60
ns
T
CAC
(1)
CLK to Data Delay
75
80
55
60
ns
TOH
Data Hold from CE, OE, or CLK
0
0
0
0
ns
T
DF
(2)
CE or OE to Data Float Delay
55
55
50
50
ns
T
LC
CLK Low Time
25
25
25
25
ns
THC
CLK High Time
25
25
25
25
ns
T
SCE
CE Setup Time to CLK
(to guarantee proper counting)
35
60
30
35
ns
THCE
CE Hold Time from CLK
(to guarantee proper counting)
00
00
ns
THOE
OE High Time (guarantees counter is reset)
25
25
25
25
ns
FMAX
Maximum Clock Frequency
10
10
15
10
MHz


Similar Part No. - AT17N010-10SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17N010-10SI ATMEL-AT17N010-10SI Datasheet
205Kb / 18P
   FPGA Configuration Memory
More results

Similar Description - AT17N010-10SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17N256 ATMEL-AT17N256 Datasheet
205Kb / 18P
   FPGA Configuration Memory
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
   FPGA Configuration Flash Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F040 ATMEL-AT17F040_08 Datasheet
340Kb / 19P
   FPGA Configuration Flash Memory
AT17F040A ATMEL-AT17F040A Datasheet
326Kb / 16P
   FPGA Configuration Flash Memory
AT17F32 ATMEL-AT17F32 Datasheet
252Kb / 14P
   FPGA Configuration Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com