Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1502BE-7AU44 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATF1502BE-7AU44
Description  Highperformance CPLD
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502BE-7AU44 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATF1502BE-7AU44 Datasheet HTML 7Page - ATMEL Corporation ATF1502BE-7AU44 Datasheet HTML 8Page - ATMEL Corporation ATF1502BE-7AU44 Datasheet HTML 9Page - ATMEL Corporation ATF1502BE-7AU44 Datasheet HTML 10Page - ATMEL Corporation ATF1502BE-7AU44 Datasheet HTML 11Page - ATMEL Corporation ATF1502BE-7AU44 Datasheet HTML 12Page - ATMEL Corporation ATF1502BE-7AU44 Datasheet HTML 13Page - ATMEL Corporation ATF1502BE-7AU44 Datasheet HTML 14Page - ATMEL Corporation ATF1502BE-7AU44 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
3492A–PLD–12/05
ATF1502BE
Figure 6-1.
BSC Configuration for Input and I/O Pins (Except JTAG TAP Pins)
Note:
The ATF1502BE has a pull-up option on TMS and TDI pins. This feature is selected as a design
option.
Figure 6-2.
BSC Configuration for Macrocell
7.
Design Software Support
ATF1502BE designs are supported by several third-party tools. Automated fitters allow logic
synthesis using a variety of high-level description languages such as VHDL
® and Verilog®. Third
party synthesis and simulation tools from Mentor Graphics
® are integrated into Atmel’s software
tools.
0
1
0
1
DQ
DQ
Capture
DR
Update
DR
0
1
0
1
DQ
DQ
TDI
OUTJ
OEJ
Shift
Clock
Mode
TDO
BSC for I/O Pins and Macrocells
0
1
D
Q
TDI
CLOCK
TDO
Pin


Similar Part No. - ATF1502BE-7AU44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502BE ATMEL-ATF1502BE_14 Datasheet
531Kb / 24P
   High-performance Fully CMOS, Electrically-erasable Complex Programmable
More results

Similar Description - ATF1502BE-7AU44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF1502ASV ATMEL-ATF1502ASV_06 Datasheet
377Kb / 25P
   Highperformance EEPROM CPLD
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com