Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV040B-TU Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT49BV040B-TU
Description  4-megabit (512K x 8) Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV040B-TU Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT49BV040B-TU Datasheet HTML 2Page - ATMEL Corporation AT49BV040B-TU Datasheet HTML 3Page - ATMEL Corporation AT49BV040B-TU Datasheet HTML 4Page - ATMEL Corporation AT49BV040B-TU Datasheet HTML 5Page - ATMEL Corporation AT49BV040B-TU Datasheet HTML 6Page - ATMEL Corporation AT49BV040B-TU Datasheet HTML 7Page - ATMEL Corporation AT49BV040B-TU Datasheet HTML 8Page - ATMEL Corporation AT49BV040B-TU Datasheet HTML 9Page - ATMEL Corporation AT49BV040B-TU Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
3499B–FLASH–4/06
AT49BV040B
Figure 4-1.
Data Polling Algorithm
Figure 4-2.
Toggle Bit Algorithm
Notes:
1. VA = Valid address for programming. During a sector
erase operation, a valid address is any sector
address within the sector being erased. During chip
erase, a valid address is any non-protected sector
address.
2. I/O7 should be rechecked even if I/O5 = “1” because
I/O7 may change simultaneously with I/O5.
Note:
1. The system should recheck the toggle bit even if
I/O5 = “1” because the toggle bit may stop toggling
as I/O5 changes to “1”.
START
Read I/O7 - I/O0
Addr = VA
I/O7 = Data?
I/O5 = 1?
Read I/O7 - I/O0
Addr = VA
I/O7 = Data?
Program/Erase
Operation Not
Successful, Write
Product ID
Exit Command
NO
NO
NO
YES
YES
YES
Program/Erase
Operation
Successful,
Device in
Read Mode
START
Read I/O7 - I/O0
Read I/O7 - I/O0
Toggle Bit =
Toggle?
I/O5 = 1?
Read I/O7 - I/O0
Twice
Toggle Bit =
Toggle?
Program/Erase
Operation Not
Successful, Write
Product ID
Exit Command
Program/Erase
Operation
Successful, Device
in Read Mode
NO
NO
NO
YES
YES
YES


Similar Part No. - AT49BV040B-TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040-12JC ATMEL-AT49BV040-12JC Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040-12JI ATMEL-AT49BV040-12JI Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040-12TC ATMEL-AT49BV040-12TC Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results

Similar Description - AT49BV040B-TU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F040 ETC-EN29F040 Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F040A EON-EN29F040A Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com