Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT93C56AY1-10YU-1.8 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT93C56AY1-10YU-1.8
Description  Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C56AY1-10YU-1.8 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT93C56AY1-10YU-1.8 Datasheet HTML 1Page - ATMEL Corporation AT93C56AY1-10YU-1.8 Datasheet HTML 2Page - ATMEL Corporation AT93C56AY1-10YU-1.8 Datasheet HTML 3Page - ATMEL Corporation AT93C56AY1-10YU-1.8 Datasheet HTML 4Page - ATMEL Corporation AT93C56AY1-10YU-1.8 Datasheet HTML 5Page - ATMEL Corporation AT93C56AY1-10YU-1.8 Datasheet HTML 6Page - ATMEL Corporation AT93C56AY1-10YU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT93C56AY1-10YU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT93C56AY1-10YU-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
Features
Low-voltage and Standard-voltage Operation
– 2.7 (VCC = 2.7V to 5.5V)
– 1.8 (V
CC = 1.8V to 5.5V)
User-selectable Internal Organization
– 2K: 256 x 8 or 128 x 16
– 4K: 512 x 8 or 256 x 16
Three-wire Serial Interface
Sequential Read Operation
2 MHz Clock Rate (5V)
Self-timed Write Cycle (10 ms Max)
High Reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
Automotive Devices Available
8-lead JEDEC PDIP, 8-lead JEDEC SOIC, 8-lead EIAJ SOIC, 8-lead Ultra Thin mini-MAP
(MLP 2x3), 8-lead Ultra Lead Frame Land Grid Array (ULA), 8-lead TSSOP and 8-ball
dBGA2 Packages
2.
Description
The AT93C56A/66A provides 2048/4096 bits of serial electrically erasable program-
mable read-only memory (EEPROM) organized as 128/256 words of 16 bits each
(when the ORG pin is connected to VCC) and 256/512 words of 8 bits each (when the
ORG pin is tied to ground). The device is optimized for use in many industrial and
commercial applications where low-power and low-voltage operations are essential.
The AT93C56A/66A is available in space-saving 8-lead PDIP, 8-lead JEDEC SOIC, 8-
lead EIAJ SOIC, 8-lead Ultra Thin mini-MAP (MLP 2x3), 8-lead Ultra Lead Frame Land
Grid Array (ULA), 8-lead TSSOP, and 8-ball dBGA2 packages.
The AT93C56A/66A is enabled through the Chip Select pin (CS) and accessed via a
three-wire serial interface consisting of Data Input (DI), Data Output (DO), and Shift
Clock (SK). Upon receiving a read instruction at DI, the address is decoded and the
data is clocked out serially on the data output pin DO. The write cycle is completely
self-timed and no separate erase cycle is required before write. The write cycle is only
enabled when the part is in the Erase/Write Enable State. When CS is brought “high”
following the initiation of a write cycle, the DO pin outputs the Ready/Busy status of
the part.
The AT93C56A/66A is available in 2.7V to 5.5V and 1.8V to 5.5V versions.
Three-wire
Serial
EEPROM
2K (256 x 8 or 128 x 16)
4K (512 x 8 or 256 x 16)
AT93C56A
AT93C66A
3378M–SEEPR–7/08


Similar Part No. - AT93C56AY1-10YU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56AY1-10YU-1.8 ATMEL-AT93C56AY1-10YU-1.8 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
AT93C56AY1-10YU-1.8 ATMEL-AT93C56AY1-10YU-1.8 Datasheet
491Kb / 21P
   Three-wire Serial EEPROM
More results

Similar Description - AT93C56AY1-10YU-1.8

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
logo
STMicroelectronics
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
   2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
ST93C66 STMICROELECTRONICS-ST93C66 Datasheet
107Kb / 13P
   4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A Datasheet
167Kb / 18P
   3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
logo
STMicroelectronics
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
   256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
logo
STMicroelectronics
ST24C02 STMICROELECTRONICS-ST24C02 Datasheet
145Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
November 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com