Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV163D Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT49BV163D
Description  16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV163D Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT49BV163D Datasheet HTML 2Page - ATMEL Corporation AT49BV163D Datasheet HTML 3Page - ATMEL Corporation AT49BV163D Datasheet HTML 4Page - ATMEL Corporation AT49BV163D Datasheet HTML 5Page - ATMEL Corporation AT49BV163D Datasheet HTML 6Page - ATMEL Corporation AT49BV163D Datasheet HTML 7Page - ATMEL Corporation AT49BV163D Datasheet HTML 8Page - ATMEL Corporation AT49BV163D Datasheet HTML 9Page - ATMEL Corporation AT49BV163D Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
3590A–FLASH–12/05
AT49BV163D(T)
At power-up or reset, all sectors are unlocked. To activate the lockdown for a specific sector, the
six-bus cycle Sector Lockdown command must be issued. Once a sector has been locked down,
the contents of the sector is read-only and cannot be erased or programmed.
4.7.1
Sector Lockdown Detection
A software method is available to determine if programming of a sector is locked down. When
the device is in the software product identification mode (see “Software Product Identification
Entry/Exit” sections on page 21), a read from address location 00002H within a sector will show
if programming the sector is locked down. If the data on I/O0 is low, the sector can be pro-
grammed; if the data on I/O0 is high, the program lockdown feature has been enabled and the
sector cannot be programmed. The software product identification exit code should be used to
return to standard operation.
4.7.2
Sector Lockdown Override
The only way to unlock a sector that is locked down is through reset or power-up cycles. After
power-up or reset, the content of a sector that is locked down can be erased and reprogrammed.
4.8
Erase Suspend/Erase Resume
The Erase Suspend command allows the system to interrupt a sector or chip erase operation
and then program or read data from a different sector within the memory. After the Erase Sus-
pend command is given, the device requires a maximum time of 15 µs to suspend the erase
operation. After the erase operation has been suspended, the system can then read data or pro-
gram data to any other sector within the device. An address is not required during the Erase
Suspend command. During a sector erase suspend, another sector cannot be erased. To
resume the sector erase operation, the system must write the Erase Resume command. The
Erase Resume command is a one-bus cycle command. The device also supports an erase sus-
pend during a complete chip erase. While the chip erase is suspended, the user can read from
any sector within the memory that is protected. The command sequence for a chip erase sus-
pend and a sector erase suspend are the same.
4.9
Program Suspend/Program Resume
The Program Suspend command allows the system to interrupt a programming operation and
then read data from a different byte/word within the memory. After the Program Suspend com-
mand is given, the device requires a maximum of 10 µs to suspend the programming operation.
After the programming operation has been suspended, the system can then read data from any
other byte/word that is not contained in the sector in which the programming operation was sus-
pended. An address is not required during the program suspend operation. To resume the
programming operation, the system must write the Program Resume command. The program
suspend and resume are one-bus cycle commands. The command sequence for the erase sus-
pend and program suspend are the same, and the command sequence for the erase resume
and program resume are the same.
4.10
Product Identification
The product identification mode identifies the device and manufacturer as Atmel. It is accessed
using a software operation.
For details, see “Operating Modes” on page 15 or “Software Product Identification Entry/Exit”
sections on page 21.


Similar Part No. - AT49BV163D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV163A ATMEL-AT49BV163A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163A ATMEL-AT49BV163A Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163A-70TI ATMEL-AT49BV163A-70TI Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT ATMEL-AT49BV163AT Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT ATMEL-AT49BV163AT Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV163D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1604 ATMEL-AT49BV1604 Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com