Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT26F004-MU Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT26F004-MU
Description  4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26F004-MU Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT26F004-MU Datasheet HTML 4Page - ATMEL Corporation AT26F004-MU Datasheet HTML 5Page - ATMEL Corporation AT26F004-MU Datasheet HTML 6Page - ATMEL Corporation AT26F004-MU Datasheet HTML 7Page - ATMEL Corporation AT26F004-MU Datasheet HTML 8Page - ATMEL Corporation AT26F004-MU Datasheet HTML 9Page - ATMEL Corporation AT26F004-MU Datasheet HTML 10Page - ATMEL Corporation AT26F004-MU Datasheet HTML 11Page - ATMEL Corporation AT26F004-MU Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
3588D–DFLASH–10/08
AT26F004
8.
Program and Erase Commands
8.1
Byte Program
The Byte Program command allows a single byte of data to be programmed into a previously
erased memory location. An erased memory location is one that has all eight bits set to the logi-
cal “1” state (a byte value of FFh). Before a Byte Program command can be started, the Write
Enable command must have been previously issued to the device (see “Write Enable” on page
13) to set the Write Enable Latch (WEL) bit of the Status Register to a logical “1” state.
To perform a Byte Program command, an opcode of 02h must be clocked into the device fol-
lowed by the three address bytes denoting which byte location of the memory array to program.
After the address bytes have been clocked in, the next byte of data clocked into the device will
be latched internally. If more than one byte of data is clocked in, then only the first byte of data
sent on the SI pin will be stored in the internal latches and all subsequent bytes will be ignored.
When the CS pin is deasserted, the device will take the one byte stored in the internal latches
and program it into the memory array location specified by A23 - A0. The programming of the
byte is internally self-timed and should take place in a time of t
BP. The three address bytes and a
complete byte of data must be clocked into the device before the CS pin is deasserted; other-
wise, the device will abort the operation and no data will be programmed into the memory array.
In addition, if the address specified by A23 - A0 points to a memory location within a sector that
is in the protected state (see “Protect Sector” on page 15), then the Byte Program command will
not be executed, and the device will return to the idle state once the CS pin has been deas-
serted. The WEL bit in the Status Register will be reset back to the logical “0” state if the
program cycle aborts due to an incomplete address being sent, an incomplete byte of data being
sent, or because the memory location to be programmed is protected.
While the device is programming, the Status Register can be read and will indicate that the
device is busy. For faster throughput, it is recommended that the Status Register be polled
rather than waiting the t
BP time to determine if the byte has finished programming. At some point
before the program cycle completes, the WEL bit in the Status Register will be reset back to the
logical “0” state.
The Byte Program mode is the default programming mode after the device powers-up or
resumes from a device reset.
Figure 8-1.
Byte Program
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000010
67
5
410 11
9
8
12
39
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AAAA
AAA
A
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN


Similar Part No. - AT26F004-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26F004-MU ATMEL-AT26F004-MU Datasheet
605Kb / 37P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004-MU ATMEL-AT26F004-MU Datasheet
614Kb / 38P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results

Similar Description - AT26F004-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26F004 ATMEL-AT26F004_06 Datasheet
614Kb / 38P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004 ATMEL-AT26F004 Datasheet
605Kb / 37P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF041A ATMEL-AT25DF041A_07 Datasheet
736Kb / 41P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161A ATMEL-AT26DF161A_07 Datasheet
703Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161 Datasheet
486Kb / 31P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161_06 Datasheet
577Kb / 35P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A_07 Datasheet
661Kb / 40P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A Datasheet
603Kb / 36P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161_08 Datasheet
607Kb / 34P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF321 ATMEL-AT25DF321 Datasheet
786Kb / 37P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com