Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2722 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML2722
Description  900MHz Low-IF 1.5Mbps FSK Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2722 Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML2722_05 Datasheet HTML 4Page - Micro Linear Corporation ML2722_05 Datasheet HTML 5Page - Micro Linear Corporation ML2722_05 Datasheet HTML 6Page - Micro Linear Corporation ML2722_05 Datasheet HTML 7Page - Micro Linear Corporation ML2722_05 Datasheet HTML 8Page - Micro Linear Corporation ML2722_05 Datasheet HTML 9Page - Micro Linear Corporation ML2722_05 Datasheet HTML 10Page - Micro Linear Corporation ML2722_05 Datasheet HTML 11Page - Micro Linear Corporation ML2722_05 Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ML2722
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005 8
27
RVCC6
O (Analog)
DC power supply decoupling point for
Quadrature Mixer and IF filter circuits. A
capacitor must be tied between this pin
and ground to decouple (bypass) noise
and to stabilize the regulator.
29
RVCC7
O (Analog)
DC power supply decoupling point for IF,
Demodulator, and Data Slicer circuits. A
capacitor must be tied between this pin
and ground to decouple (bypass) noise
and to stabilize the regulator.
31
VDD
I (Digital)
DC power supply input to the interface
logic and control registers. This supply is
not connected internally to any other
supply pin, but its voltage must be less
than or equal to the VCC5 supply and
greater than 2.7V. A capacitor must be
tied between this pin and ground to
decouple (bypass) noise.
TRANSMIT/RECEIVE
21
RRFI
I (Analog)
Receive RF Input. Nominal impedance at
902 to 928MHz is 17-50j
Ω with a simple
matching network required for optimum
noise figure. This input is to the base of
an NPN transistor and should be AC
coupled.
(PIN 24)
(PIN 8)
VSS
GND
RRFI
VCC5
0.7V
VCC5
VSS
4k
21
18
8
24


Similar Part No. - ML2722_05

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
More results

Similar Description - ML2722_05

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
SIRENZA MICRODEVICES
ML2726 SIRENZA-ML2726 Datasheet
265Kb / 25P
   2.4GHz Low-IF 2.0Mbps FSK Transceiver
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Linx Technologies
HUM-900-DT LINX-HUM-900-DT Datasheet
2Mb / 37P
   900MHz HumDTTM Series Transceiver
2015
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
List of Unclassifed Man...
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com