Electronic Components Datasheet Search |
|
AMIS-30511 Datasheet(PDF) 4 Page - ON Semiconductor |
|
AMIS-30511 Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 28 page AMIS−30511 http://onsemi.com 4 Table 4. DC Parameters (The DC parameters are given for VBB and temperature in their operating ranges unless otherwise specified. Convention: currents flowing in the circuit are defined as positive.) Symbol Pin(s) Parameter Remark/Test Conditions Min. Typ. Max. Unit SUPPLY INPUTS VBB VBB Nominal operating supply range 6 30 V IBB Total current consumption Unloaded outputs 8 mA VDD VDD Logic supply voltage 4.75 5 5.25 V IDDD Dynamic current (Note 3) 18 mA IDDS Sleep current (Note 4) 250 mA POWER−ON−RESET (POR) VDDH VDD Internal POR comparator threshold VDD rising 4.0 4.25 4.4 V VDDL Internal POR comparator threshold VDD falling 3.68 V MOTORDRIVER IMDmax,Peak MOTXP MOTXN MOTYP MOTYN Max current through motor coil in normal operation 800 mA IMDmax,RMS Max RMS current through coil in normal operation 400 mA IMDabs Absolute error on coil current −10 10 % IMDrel Error on current ratio Icoilx / Icoily −7 7 % ISET_TC Temperature coefficient of coil current set−level, CUR[4:0] = 0 ..31 −40°C ≤ Tj ≤ 160°C −240 ppm/°C RHS On−resistance high−side driver, CUR[4:0] = 0...31 Vbb = 12 V, Tj = 27°C 0.45 0.56 W Vbb = 12 V, Tj = 160°C 0.94 1.25 W RLS3 On−resistance low−side driver, CUR[4:0] = 23...31 Vbb = 12 V, Tj = 27°C 0.45 0.56 W Vbb = 12 V, Tj = 160°C 0.94 1.25 W RLS2 On−resistance low−side driver, CUR[4:0] = 16...22 Vbb = 12 V, Tj = 27°C 0.90 1.2 W Vbb = 12 V, Tj = 160°C 1.9 2.5 W RLS1 On−resistance low−side driver, CUR[4:0] = 9...15 Vbb = 12 V, Tj = 27°C 1.8 2.3 W Vbb = 12 V, Tj = 160°C 3.8 5.0 W RLS0 On−resistance low−side driver, CUR[4:0] = 0...8 Vbb = 12 V, Tj = 27°C 3.6 4.5 W Vbb = 12 V, Tj = 160°C 7.5 10 W IMpd Pull−down current HiZ mode 0.5 mA DIGITAL INPUTS Ileak DI, CLK NXT, DIR CLR, CSB Input leakage (Note 5) Tj = 160°C 1 mA VIL Logic low threshold 0 0.65 V VIH Logic high threshold 2.20 VDD V Rpd_CLR CLR Internal pull−down resistor 120 300 kW Rpd_TST TST0 Internal pull−down resistor 3 9 kW 3. Current with oscillator running and all analogue cells active. All outputs unloaded, no floating inputs 4. Current with all analogue cells in power down. Logic is powered but no clocks running. All outputs unloaded, no floating inputs 5. Not valid for pins with internal pull−down resistor 6. Thermal shutdown and low temperature warning are derived from thermal warning. 7. No more than 100 cumulated hours in life time above Ttw |
Similar Part No. - AMIS-30511 |
|
Similar Description - AMIS-30511 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |