Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML5825DM-T Datasheet(PDF) 10 Page - SIRENZA MICRODEVICES

Part # ML5825DM-T
Description  2.4GHz to 5.8GHz Frequency Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

ML5825DM-T Datasheet(HTML) 10 Page - SIRENZA MICRODEVICES

Back Button ML5825DM-T Datasheet HTML 4Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 5Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 6Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 7Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 8Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 9Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 10Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 11Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 12Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ML5825
ADVANCED DATASHEET
SEPTEMBER 2007
EDS-106038 REV A01
10
STANDBY MODE
In STANDBY mode, the ML5825 transverter is powered down. When exiting STANDBY mode, the transmitter is
disabled for 200
μs. However, the receive path is not similarly locked out and so will receive invalid data for up to 200μs.
Therefore, the system should wait 200
μs after exiting STANDBY mode before actively processing signals to allow the
PLL to lock. A timing diagram for the ML5825 is shown in Figure 2.
Figure 2: ML5825 Control Timing Diagram, assuming a 40 KHz loop bandwidth.
RECEIVE MODE
In RECEIVE mode, the received signal at 5.8GHz is amplified, filtered, and downconverted to 2.4GHz. The receiver has
two gain modes; High Gain (about 13dB) and Low Gain (about -8dB). Gain mode is set via the state of the RXGN input,
with High Gain Mode corresponding to a logic “1” on RXGN.
TRANSMIT MODE
In TRANSMIT mode, the transmitted signal at 2.4GHz is upconverted, filtered, and amplified at 5.8GHz. The transmit
output power compression point is programmable via an external resistor on the TXISET pin.
VCCA
XCEN
TXON
Data
Output
(RX & TX)
RX Valid
Data
Output
TX Valid
Data
Output
TX Valid
Data
Output
RX Valid
Data
Output
200uS
100uS
170uS
350uS
100uS
200uS
Supply and
PLL Settling
200uS
PLL Settling
100uS
Supply Settling
And TX Timer
170uS
Time to valid TX
data is 400uS
PLL Settling
100uS


Similar Part No. - ML5825DM-T

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML5824 MICRO-LINEAR-ML5824 Datasheet
254Kb / 12P
   ML5824 2.4GHz to 5.8GHz Frequency Translator
ML5824EM MICRO-LINEAR-ML5824EM Datasheet
254Kb / 12P
   ML5824 2.4GHz to 5.8GHz Frequency Translator
ML5824EM-T MICRO-LINEAR-ML5824EM-T Datasheet
254Kb / 12P
   ML5824 2.4GHz to 5.8GHz Frequency Translator
More results

Similar Description - ML5825DM-T

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML5824 MICRO-LINEAR-ML5824 Datasheet
254Kb / 12P
   ML5824 2.4GHz to 5.8GHz Frequency Translator
logo
TE Connectivity Ltd
951-001-XXX TEC-951-001-XXX Datasheet
821Kb / 2P
   WLAN (2.4GHz/5.8GHz) Screw Antenna
951-003-XXX TEC-951-003-XXX Datasheet
819Kb / 2P
   GNSS (GPS/GLONASS)/ WLAN (2.4GHz/5.8GHz) Screw Antenna
logo
Taoglas antenna solutio...
WLA10 TAOGLAS-WLA10 Datasheet
1Mb / 19P
   Wi-Fi Dual Band 2.4GHz/5.8GHz Chip Antenna
logo
WALSIN TECHNOLOGY CORPO...
TFCPL0605B24508Q1C WALSIN-TFCPL0605B24508Q1C Datasheet
648Kb / 8P
   2.4GHz Band Frequency
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
   Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
   Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
485Kb / 12P
   Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com