Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1080DEG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1080DEG
Description  Integrated PoE-PD & DC-DC Converter Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1080DEG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1080DEG Datasheet HTML 4Page - ON Semiconductor NCP1080DEG Datasheet HTML 5Page - ON Semiconductor NCP1080DEG Datasheet HTML 6Page - ON Semiconductor NCP1080DEG Datasheet HTML 7Page - ON Semiconductor NCP1080DEG Datasheet HTML 8Page - ON Semiconductor NCP1080DEG Datasheet HTML 9Page - ON Semiconductor NCP1080DEG Datasheet HTML 10Page - ON Semiconductor NCP1080DEG Datasheet HTML 11Page - ON Semiconductor NCP1080DEG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NCP1080
http://onsemi.com
8
Table 3. Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
PASS−SWITCH AND CURRENT LIMITS
Ron
Pass−switch Rds−on
0.6
1.2
ohm
Max Ron specified at
Tj = 130°C
I_Rinrush1
Rinrush = 150 kW (Note 7)
95
125
155
mA
Measured at RTN−
VPORTN1,2 = 3 V
I_Rinrush2
Rinrush = 57.6 kW (Note 7)
260
310
360
mA
Measured at RTN−
VPORTN1,2 = 3 V
I_Rilim1
Rilim1 = 84.5 kW (Note 7)
450
510
570
mA
Current limit threshold
INRUSH AND ILIM1 CURRENT LIMIT TRANSITION
Vds_pgood
VDS required for power good status
0.8
1
1.2
V
RTN−VPORTN1,2
falling; voltage with re-
spect to VPORTN1,2
Vds_pgood_hyst
VDS hysteresis required for power good
status
8.2
V
Voltage with respect to
VPORTN1,2
VDDH REGULATOR
VDDH_reg
Regulator output voltage (Notes 8 and 9)
Ivddh_load + Ivddl_load < 10 mA
with
0 < Ivddl_load < 2.25 mA
8.4
9
9.6
V
VDDH_Off
Regulator turn−off voltage
VDDH_reg
+ 0.5 V
V
For information only
VDDH_lim
VDDH regulator current limit
(Notes 8 and 9)
13
26
mA
VDDH_Por_R
VDDH POR level (rising)
7.3
8.3
V
VDDH_Por_F
VDDH POR level (falling)
6
7
V
VDDH_ovlo
VDDH over−voltage level (rising)
16
18.5
V
VDDL REGULATOR
VDDL_reg
Regulator output voltage (Notes 8 and 9)
0 < lvddl_load < 2.25 mA
with
lvddh_load + Ivddl_load < 10 mA
3.05
3.3
3.55
V
VDDL_Por_R
VDDL POR level (rising)
VDDL
– 0.2
VDDL
– 0.02
V
VDDL_Por_F
VDDL POR level (falling)
2.5
2.9
V
GATE DRIVER
Gate_Tr
GATE rise time (10−90%)
50
ns
Cload = 2 nF,
VDDHreg = 9 V
Gate_Tf
GATE fall time (90−10%)
50
ns
Cload = 2 nF,
VDDHreg = 9 V
PWM COMPARATOR
VCOMP
COMP control voltage range
1.3
3
V
For information only
7. The current value corresponds to the PoE−PD input current (the current flowing in the external Rdet and the quiescent current of the device
are included).
8. Power dissipation must be considered. Load on VDDH and VDDL must be limited especially if VDDH is not powered by an auxiliary winding.
9. Ivddl_load = current flowing out of the VDDL pin.
Ivddh_load = current flowing out of the VDDH pin + current delivered to the Gate Driver (function of the frequency, VDDH voltage & MOSFET
gate capacitance).


Similar Part No. - NCP1080DEG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1080DEG ONSEMI-NCP1080DEG Datasheet
227Kb / 15P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
More results

Similar Description - NCP1080DEG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1080 ONSEMI-NCP1080_13 Datasheet
227Kb / 15P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
NCP1082 ONSEMI-NCP1082_13 Datasheet
220Kb / 17P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
ON Semiconductor
NCP1082 ONSEMI-NCP1082 Datasheet
201Kb / 16P
   Integrated PoE-PD & DC-DC Converter Controller with 9V Auxiliary Supply Support
November, 2008 ??Rev. 0
NCP1081 ONSEMI-NCP1081_13 Datasheet
262Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Contr
May, 2013 ??Rev. 7
logo
List of Unclassifed Man...
AS1138 ETC2-AS1138 Datasheet
1Mb / 30P
   30W PoE PD and DC-DC Controller
logo
Murata Manufacturing Co...
MYBSP01206AZFT MURATA1-MYBSP01206AZFT Datasheet
12Mb / 13P
   Isolated DC-DC converter for PoE PD
2018
logo
ON Semiconductor
NCP1083 ONSEMI-NCP1083 Datasheet
246Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller with 9V Auxiliary Supply Support
November, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com