Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1080DER2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1080DER2G
Description  Integrated PoE-PD & DC-DC Converter Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1080DER2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1080DER2G Datasheet HTML 6Page - ON Semiconductor NCP1080DER2G Datasheet HTML 7Page - ON Semiconductor NCP1080DER2G Datasheet HTML 8Page - ON Semiconductor NCP1080DER2G Datasheet HTML 9Page - ON Semiconductor NCP1080DER2G Datasheet HTML 10Page - ON Semiconductor NCP1080DER2G Datasheet HTML 11Page - ON Semiconductor NCP1080DER2G Datasheet HTML 12Page - ON Semiconductor NCP1080DER2G Datasheet HTML 13Page - ON Semiconductor NCP1080DER2G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NCP1080
http://onsemi.com
10
Description of Operation
Powered Device Interface
The PD interface portion of the NCP1080 supports the
IEEE802.3af defined operating modes: detection signature,
current source classification, inrush and operating current
limits. In order to give more flexibility to the user and also
to keep control of the power dissipation in the NCP1080,
both current limits are configurable. The device enters
operation once its programmable Vuvlo_on threshold is
reached, and operation ceases when the supplied voltage
falls below the Vuvlo_off threshold. Sufficient hysteresis
and Uvlo filter time are provided to avoid false power on/off
cycles due to transient voltage drops on the cable.
Detection
During the detection phase, the incremental equivalent
resistance seen by the PSE through the cable must be in the
IEEE802.3af standard specification range (23.75 k
W to
26.25 k
W) for a PSE voltage from 2.7 V to 10.1 V. In order
to compensate for the non−linear effect of the diode bridge
and satisfy the specification at low PSE voltage, the
NCP1080 presents a suitable impedance in parallel with the
25.5 k
W Rdet external resistor. For some types of diodes
(especially Schottky diodes), it may be necessary to adjust
this external resistor.
When the Detection_Off level is detected (typically
11.5 V) on VPORTP, the NCP1080 turns on its internal
3.3 V regulator and biasing circuitry in anticipation of the
classification phase as the next step.
Classification
Once the PSE device has detected the PD device, the
classification process begins. In classification, the PD
regulates a constant current source that is set by the external
resistor RCLASS value on the CLASS pin. Figure 6 shows
the schematic overview of the classification block. The
current source is defined as:
Iclass +
Vbg
Rclass
,(where Vbg is 1.2 V)
CLASS
VDDA1
1.2 V
VPORTP
VPORTN1,2
NCP1080
Rclass
Figure 6. Classification Block Diagram
Power Mode
When the classification hand−shake is completed, the
PSE and PD devices move into the operating mode.
Under Voltage Lock Out (UVLO)
The NCP1080 incorporates an under voltage lock out
(UVLO) circuit which monitors the input voltage and
determines when to apply power to the DC−DC controller.
To use the default settings for UVLO (see Table 3), the pin
UVLO must be connected to VPORTN1,2. In this case the
signature resistor has to be placed directly between
VPORTP and VPORTN1,2, as shown in Figure 7.
Figure 7. Default UVLO Settings
UVLO
VPORTP
VPORTN1,2
NCP1080
VPORT
Rdet
To define the UVLO threshold externally, the UVLO pin
must be connected to the center of an external resistor
divider between VPORTP and VPORTN1,2 as shown in
Figure 8. The series resistance value of the external
resistors must add to 25.5 k
W and replaces the internal
signature resistor.
Figure 8. External UVLO Configuration
UVLO
VPORTN1,2
NCP1080
VPORT
R2
R1
VPORTP
For a Vuvlo_on desired turn−on voltage threshold, R1 and
R2 can be calculated using the following equations:
R1 ) R2 + Rdet
R2 + 1.2
Vulvo_on
Rdet


Similar Part No. - NCP1080DER2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1080DER2G ONSEMI-NCP1080DER2G Datasheet
227Kb / 15P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
More results

Similar Description - NCP1080DER2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1080 ONSEMI-NCP1080_13 Datasheet
227Kb / 15P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
NCP1082 ONSEMI-NCP1082_13 Datasheet
220Kb / 17P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
ON Semiconductor
NCP1082 ONSEMI-NCP1082 Datasheet
201Kb / 16P
   Integrated PoE-PD & DC-DC Converter Controller with 9V Auxiliary Supply Support
November, 2008 ??Rev. 0
NCP1081 ONSEMI-NCP1081_13 Datasheet
262Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Contr
May, 2013 ??Rev. 7
logo
List of Unclassifed Man...
AS1138 ETC2-AS1138 Datasheet
1Mb / 30P
   30W PoE PD and DC-DC Controller
logo
Murata Manufacturing Co...
MYBSP01206AZFT MURATA1-MYBSP01206AZFT Datasheet
12Mb / 13P
   Isolated DC-DC converter for PoE PD
2018
logo
ON Semiconductor
NCP1083 ONSEMI-NCP1083 Datasheet
246Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller with 9V Auxiliary Supply Support
November, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com