Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1082 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1082
Description  Integrated PoE-PD & DC-DC Converter Controller with 9V Auxiliary Supply Support
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1082 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1082 Datasheet HTML 6Page - ON Semiconductor NCP1082 Datasheet HTML 7Page - ON Semiconductor NCP1082 Datasheet HTML 8Page - ON Semiconductor NCP1082 Datasheet HTML 9Page - ON Semiconductor NCP1082 Datasheet HTML 10Page - ON Semiconductor NCP1082 Datasheet HTML 11Page - ON Semiconductor NCP1082 Datasheet HTML 12Page - ON Semiconductor NCP1082 Datasheet HTML 13Page - ON Semiconductor NCP1082 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCP1082
http://onsemi.com
10
Table 3. Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
OSCILLATOR
DutyC
Maximum duty cycle
80%
Fixed internally
Frange
Oscillator frequency range
100
500
kHz
F_acc
Oscillator frequency accuracy
±25
%
CURRENT CONSUMPTION
IvportP1
VPORTP internal current consumption
(Note 12)
2.5
3.5
mA
DC−DC controller off
IvportP2
VPORTP internal current consumption
(Note 13)
4.7
6.5
mA
DC−DC controller on
THERMAL SHUTDOWN
TSD
Thermal shutdown threshold
150
°C Tj
Tj = junction temperature
Thyst
Thermal hysteresis
15
°C Tj
Tj = junction temperature
THERMAL RATINGS
Ta
Ambient temperature
−40
85
°C
Tj
Junction temperature
125
150
°C
°C
Parametric values guaranteed
Max 1000 hours
12.Conditions
a. No current through the pass−switch
b. DC−DC controller inactive (SS shorted to RTN)
c. No external load on VDDH and VDDL
d. VPORTP = 57 V
13.Conditions
a. No current through the pass−switch
b. Oscillator frequency = 100 kHz
c. No external load on VDDH and VDDL
d. Aux winding not used
e. 2 nF on GATE, DC−DC controller enabled
f. VPORTP = 57 V
Figure 6. (Ivddl_load)max with Auxiliary
Supply Operation
Figure 7. (Ivddh_load+Ivddl_load)max with
Auxiliary Supply Operation
VPORTP−ARTN VOLTAGE DURING PWM
OPERATION (V)
VPORTP−ARTN VOLTAGE DURING PWM
OPERATION (V)
13
12
11.5
11
10.5
10
9.0
8.5
4.0
4.5
5.0
6.5
7.5
8.5
9.5
10.5
0.50
0.75
1.00
1.25
1.75
2.00
2.25
2.50
9.5
12.5
13.5
5.5
6.0
7.0
8.0
9.0
10.0
13
12
11.5
11
10.5
10
9.0
8.5
9.5
12.5
13.5
1.50


Similar Part No. - NCP1082

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1082DEG ONSEMI-NCP1082DEG Datasheet
220Kb / 17P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1082DER2G ONSEMI-NCP1082DER2G Datasheet
220Kb / 17P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1082 ONSEMI-NCP1082_13 Datasheet
220Kb / 17P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com