Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1393B Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1393B
Description  High-Voltage Half-Bridge Driver with Inbuilt Oscillator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1393B Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1393B Datasheet HTML 4Page - ON Semiconductor NCP1393B Datasheet HTML 5Page - ON Semiconductor NCP1393B Datasheet HTML 6Page - ON Semiconductor NCP1393B Datasheet HTML 7Page - ON Semiconductor NCP1393B Datasheet HTML 8Page - ON Semiconductor NCP1393B Datasheet HTML 9Page - ON Semiconductor NCP1393B Datasheet HTML 10Page - ON Semiconductor NCP1393B Datasheet HTML 11Page - ON Semiconductor NCP1393B Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NCP1393B
http://onsemi.com
8
−40
−20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 15. PFCdelay
109
108
107
106
105
104
103
102
101
100
90
TEMPERATURE (°C)
Figure 16. VLATCH
−40
−20
0
20
40
60
80
100
120
2.008
2.006
2.004
2.002
2.000
1.998
1.996
1.994
1.992
1.990
−40
−20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 17. VBO
1.015
1.014
1.013
1.012
1.011
1.010
1.009
1.008
1.007
−40
−20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 18. IBO
19.4
19.2
19.0
18.8
18.6
18.4
18.2
18.0
17.8
17.6
17.4
TEMPERATURE (°C)
Figure 19. VCC_clamp
−40
−20
0
20
40
60
80
100
120
17.0
16.8
16.6
16.4
16.2
16.0
15.8
Figure 20. Irt and Appropriate Frequency
Irt (mA)
0.2
290
0.3 0.4
0.5 0.6
0.7
0.8
0.9
1.0 1.1
1
240
190
140
90
40


Similar Part No. - NCP1393B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP139 ONSEMI-NCP139 Datasheet
197Kb / 9P
   1 A, Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2019 ??Rev. 6
NCP1392 ONSEMI-NCP1392 Datasheet
162Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuilt Oscillator
March, 2016 ??Rev. 4
NCP1392B ONSEMI-NCP1392B Datasheet
266Kb / 19P
   High-Voltage Half-Bridge Driver with Inbuilt Oscillator
October, 2008 ??Rev. 1
NCP1392BDR2G ONSEMI-NCP1392BDR2G Datasheet
266Kb / 19P
   High-Voltage Half-Bridge Driver with Inbuilt Oscillator
October, 2008 ??Rev. 1
NCP1392BDR2G ONSEMI-NCP1392BDR2G Datasheet
203Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuiltc Oscillator
May, 2012 ??Rev. 3
More results

Similar Description - NCP1393B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1392B ONSEMI-NCP1392B_12 Datasheet
203Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuilt Oscillator
May, 2012 ??Rev. 3
NCP1392 ONSEMI-NCP1392 Datasheet
162Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuilt Oscillator
March, 2016 ??Rev. 4
NCP1392B ONSEMI-NCP1392B Datasheet
266Kb / 19P
   High-Voltage Half-Bridge Driver with Inbuilt Oscillator
October, 2008 ??Rev. 1
logo
STMicroelectronics
L6571A STMICROELECTRONICS-L6571A Datasheet
60Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
E-L6569 STMICROELECTRONICS-E-L6569 Datasheet
181Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
June 2000
L6569D013TR STMICROELECTRONICS-L6569D013TR Datasheet
181Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
L6571AD013TR STMICROELECTRONICS-L6571AD013TR Datasheet
234Kb / 12P
   High voltage half bridge driver with oscillator
L6569AD013TR STMICROELECTRONICS-L6569AD013TR Datasheet
181Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
L6571BD013TR STMICROELECTRONICS-L6571BD013TR Datasheet
234Kb / 12P
   High voltage half bridge driver with oscillator
January 2010 Rev 6
L6571A_0009 STMICROELECTRONICS-L6571A_0009 Datasheet
132Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com