Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3064MNTXG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP3064MNTXG
Description  1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3064MNTXG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP3064MNTXG Datasheet HTML 1Page - ON Semiconductor NCP3064MNTXG Datasheet HTML 2Page - ON Semiconductor NCP3064MNTXG Datasheet HTML 3Page - ON Semiconductor NCP3064MNTXG Datasheet HTML 4Page - ON Semiconductor NCP3064MNTXG Datasheet HTML 5Page - ON Semiconductor NCP3064MNTXG Datasheet HTML 6Page - ON Semiconductor NCP3064MNTXG Datasheet HTML 7Page - ON Semiconductor NCP3064MNTXG Datasheet HTML 8Page - ON Semiconductor NCP3064MNTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NCP3064, NCP3064B, NCV3064
http://onsemi.com
2
Figure 2. Pin Connections
Timing Capacitor
Comparator
Inverting
Input
VCC
ON/OFF
Ipk Sense
GND
Switch Emitter
Switch Collector
(Top View)
4
3
2
1
5
6
7
8
Comparator
Inverting
Input
VCC
ON/OFF
Ipk Sense
Timing Capacitor
GND
Switch Emitter
Switch Collector
(Top View)
Figure 3. Pin Connections
NOTE: EP Flag must be tied to GND Pin 4 on PCB
EP Flag
SOIC−8/PDIP−8
DFN8
Figure 4. Block Diagram
5
R
S
Q
+
7
Comparator
CT
3
8
TSD
0.2 V
+
2
6
R
S
Q
4
1
Switch Collector
Switch Emitter
Timing Capacitor
GND
Comparator Inverting Input
VCC
Ipk Sense
ON/OFF
Oscillator
1.25 V
Reference
Regulator
ON/OFF
Bias
Comparator
PIN DESCRIPTION
Pin No.
Pin Name
Description
1
Switch Collector
Internal Darlington switch collector
2
Switch Emitter
Internal Darlington switch emitter
3
Timing Capacitor
Timing Capacitor Oscillator Input, Timing Capacitor
4
GND
Ground pin for all internal circuits
5
Comparator
Inverting Input
Inverting input pin of internal comparator
6
VCC
Voltage supply
7
Ipk Sense
Peak Current Sense Input to monitor the voltage drop across an external resistor to limit the peak
current through the circuit
8
ON/OFF
ON/OFF Pin. Pulling this pin to High level turns the device in Operating. To switch into mode with
low current consumption this pin has to be in Low level or floating.


Similar Part No. - NCP3064MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3064MNTXG ONSEMI-NCP3064MNTXG Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
More results

Similar Description - NCP3064MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3064 ONSEMI-NCP3064 Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
logo
STMicroelectronics
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
logo
ON Semiconductor
NCP3066 ONSEMI-NCP3066 Datasheet
1Mb / 20P
   Up to 1.5 A Constant Current Switching Regulator for LEDs with ON/OFF Function
January, 2009 ??Rev. 3
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983_08 Datasheet
966Kb / 37P
   1.5 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com