Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3064PG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP3064PG
Description  1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3064PG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP3064PG Datasheet HTML 4Page - ON Semiconductor NCP3064PG Datasheet HTML 5Page - ON Semiconductor NCP3064PG Datasheet HTML 6Page - ON Semiconductor NCP3064PG Datasheet HTML 7Page - ON Semiconductor NCP3064PG Datasheet HTML 8Page - ON Semiconductor NCP3064PG Datasheet HTML 9Page - ON Semiconductor NCP3064PG Datasheet HTML 10Page - ON Semiconductor NCP3064PG Datasheet HTML 11Page - ON Semiconductor NCP3064PG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
NCP3064, NCP3064B, NCV3064
http://onsemi.com
8
Peak Current Sense Comparator
With a voltage ripple gated converter operating under
normal conditions, output switch conduction is initiated by
the Voltage Feedback comparator and terminated by the
oscillator. Abnormal operating conditions occur when the
converter output is overloaded or when feedback voltage
sensing is lost. Under these conditions, the Ipk Current
Sense comparator will protect the Darlington output Switch.
The switch current is converted to a voltage by inserting a
fractional
W resistor, RSC, in series with VCC and the
Darlington output switch. The voltage drop across RSC is
monitored by the Current Sense comparator. If the voltage
drop exceeds 200 mV with respect to VCC, the comparator
will set the latch and terminate output switch conduction on
a
cycle−by−cycle
basis.
This
Comparator/Latch
configuration ensures that the Output Switch has only a
single on−time during a given oscillator cycle.
Real
Vturn−off on
Rs Resistor
t_delay
I1
Io
di/dt slope
I through the
Darlington
Switch
Vipk(sense)
Figure 14. Current Sense Waveform
The VIPK(Sense) Current Limit Sense Voltage threshold is
specified at static conditions. In dynamic operation the
sensed current turn−off value depends on comparator
response time and di/dt current slope.
Real Vturn−off on Rsc resistor
Vturn_off = Vipk(sense) + Rs*(tdelay*di/dt)
Typical Ipk comparator response time tdelay is 350 ns. The
di/dt current slope is growing with voltage difference on the
inductor pins and with decreasing inductor value. It is
recommended to check the real max peak current in the
application at worst conditions to be sure that the maximum
peak current will never get over the 1.5 A Darlington Switch
Current maximum rating.
Thermal Shutdown
Internal thermal shutdown circuitry is provided to protect
the IC in the event that the maximum junction temperature
is exceeded. When activated, typically at 160
°C, the Output
Switch is disabled. The temperature sensing circuit is
designed with 10
°C hysteresis. The Switch is enabled again
when the chip temperature decreases to at least 150
°C
threshold. This feature is provided to prevent catastrophic
failures from accidental device overheating. It is not
intended to be used as a replacement for proper
heat−sinking.
Output Switch
The output switch is designed in a Darlington
configuration. This allows the application designer to
operate at all conditions at high switching speed and low
voltage drop. The Darlington Output Switch is designed to
switch a maximum of 40 V collector to emitter voltage and
current up to 1.5 A
ON/OFF Function
The ON/OFF function disables switching and puts the part
into a low power consumption mode. A PWM signal up to
1 kHz can be used to pulse the ON/OFF and control the
output. Pulling this pin below the threshold voltage (~1.4 V)
or leaving it open turns the regulator off and has a standby
current <100
mA. Pulling this pin above 1.4 V (up to 25 V
max) allows the regulator to run in normal operation. If the
ON/OFF feature is not needed, the ON/OFF pin can be
connected to the input voltage VCC, provided that this
voltage does not exceed 25 V.


Similar Part No. - NCP3064PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3064PG ONSEMI-NCP3064PG Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
More results

Similar Description - NCP3064PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3064 ONSEMI-NCV3064 Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
logo
STMicroelectronics
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
logo
ON Semiconductor
NCP3066 ONSEMI-NCP3066 Datasheet
1Mb / 20P
   Up to 1.5 A Constant Current Switching Regulator for LEDs with ON/OFF Function
January, 2009 ??Rev. 3
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983_08 Datasheet
966Kb / 37P
   1.5 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com