Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3064PG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP3064PG
Description  1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3064PG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP3064PG Datasheet HTML 1Page - ON Semiconductor NCP3064PG Datasheet HTML 2Page - ON Semiconductor NCP3064PG Datasheet HTML 3Page - ON Semiconductor NCP3064PG Datasheet HTML 4Page - ON Semiconductor NCP3064PG Datasheet HTML 5Page - ON Semiconductor NCP3064PG Datasheet HTML 6Page - ON Semiconductor NCP3064PG Datasheet HTML 7Page - ON Semiconductor NCP3064PG Datasheet HTML 8Page - ON Semiconductor NCP3064PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2008
November, 2008 − Rev. 4
1
Publication Order Number:
NCP3064/D
NCP3064, NCP3064B,
NCV3064
1.5 A, Step-Up/Down/
Inverting Switching
Regulator with ON/OFF
Function
The NCP3064 Series is a higher frequency upgrade to the popular
MC33063A and MC34063A monolithic DC−DC converters. These
devices consist of an internal temperature compensated reference,
comparator, controlled duty cycle oscillator with an active current
limit circuit, driver and high current output switch. This series was
specifically designed to be incorporated in Step−Down and Step−Up
and Voltage−Inverting applications with a minimum number of
external components. The ON/OFF pin provides a low power
shutdown mode.
Features
Input Voltage Range from 3.0 V to 40 V
Logic Level Shutdown Capability
Low Power Standby Mode, Typical 100 mA
Output Switch Current to 1.5 A
Adjustable Output Voltage Range
150 kHz Frequency Operation
Precision 2% Reference
Internal Thermal Shutdown Protection
Cycle−by−Cycle Current Limiting
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
These are Pb−Free Devices
Applications
Step−Down, Step−Up and Inverting supply applications
High Power LED Lighting
Battery Chargers
Figure 1. Typical Buck Application Circuit
ON/OFF
Ipk
FB
SWC
SWE
CT
GND
VCC
ON/OFF
VCC
GND
R2
CIN
CT
R1
GND
VOUT
L1
Rsense
D1
NCP3064
PDIP−8
P, P1 SUFFIX
CASE 626
http://onsemi.com
MARKING
DIAGRAMS
8
DFN8
MN SUFFIX
CASE 488AF
SOIC−8
D SUFFIX
CASE 751
1
8
NCP3064x
AWL
YYWWG
NCP3064
= Specific Device Code
x= B
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
G or G
= Pb−Free Package
(Note: Microdot may be in either location)
See detailed ordering and shipping information in the package
dimensions section on page 17 of this data sheet.
ORDERING INFORMATION
3064x
ALYWG
G
1
1
8
1
NCV
3064
ALYWG
G
V3064
ALYWG
G
1
NCV3064
AWL
YYWWG
NCP
3064x
ALYWG
G


Similar Part No. - NCP3064PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3064PG ONSEMI-NCP3064PG Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
More results

Similar Description - NCP3064PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3064 ONSEMI-NCP3064 Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
logo
STMicroelectronics
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
logo
ON Semiconductor
NCP3066 ONSEMI-NCP3066 Datasheet
1Mb / 20P
   Up to 1.5 A Constant Current Switching Regulator for LEDs with ON/OFF Function
January, 2009 ??Rev. 3
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983_08 Datasheet
966Kb / 37P
   1.5 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com