Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV3064MNTXG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV3064MNTXG
Description  1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV3064MNTXG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV3064MNTXG Datasheet HTML 6Page - ON Semiconductor NCV3064MNTXG Datasheet HTML 7Page - ON Semiconductor NCV3064MNTXG Datasheet HTML 8Page - ON Semiconductor NCV3064MNTXG Datasheet HTML 9Page - ON Semiconductor NCV3064MNTXG Datasheet HTML 10Page - ON Semiconductor NCV3064MNTXG Datasheet HTML 11Page - ON Semiconductor NCV3064MNTXG Datasheet HTML 12Page - ON Semiconductor NCV3064MNTXG Datasheet HTML 13Page - ON Semiconductor NCV3064MNTXG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NCP3064, NCP3064B, NCV3064
http://onsemi.com
10
ON/OFF
Ipk
COMP
SWC
SWE
CT
GND
VCC
ON/OFF
VIN
GND
C10
R3
3k9
GND
VOUT
L1
R1
D1
NCP3064
SOIC
Figure 16. Typical Buck Application Schematic
R4
2k4
C8
C9
IC1
C2
0.1mF
C1
220mF
+
+
+
R9
R15
10k
R2
12k0
47mH
2n2
0.1mF
220mF
Input
ON
Table 1. TESTED PARAMETERS
Parameter
Input Voltage
(V)
Output Voltage
(V)
Input Current
(A)
Output Current
(A)
Value
10 − 16
3.3
Max. 0.6 A
Max. 1.25
Table 2. BILL OF MATERIAL
Designator
Qty
Description
Value
Tolerance
Footprint
Manufacturer
Manufacturer
Part Number
R1
1
Resistor
0.15W
1%
1206
Susumu
RL1632R-R150-F
R2
1
Resistor
12k
1%
1206
ROHM
MCR18EZHF1202
R3
1
Resistor
3k9
1%
1206
ROHM
MCR18EZHF3901
R4
1
Resistor
2k4
1%
1206
ROHM
MCR18EZHF4701
R9
1
Resisitor
10k
1%
1206
ROHM
MCR18EZHF1002
C1
1
Capacitor
220mF/35V
20%
F
PANASONIC
EEEFP1V221AP
C2, C8
2
Capacitor
100nF
10%
1206
Kemet
C1206C104K5RACTU
C9
1
Capacitor
220mF/6V
20%
F8
SANYO
6SVP220M
C10
1
Capacitor
2.2nF
10%
1206
Kemet
C1206C222K5RACTU
L1
1
Inductor
47mH
20%
DO3316
CoilCraft
DO3316P-473MLB
D1
1
Diode
MBRS230
SMB
ON Semiconductor
MBRS230LT3G
IC
1
Switching
Regulator
NCP3064
SOIC8
ON Semiconductor
NCP3064DR2G


Similar Part No. - NCV3064MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3064MNTXG ONSEMI-NCV3064MNTXG Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
More results

Similar Description - NCV3064MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3064 ONSEMI-NCV3064 Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
logo
STMicroelectronics
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
logo
ON Semiconductor
NCP3066 ONSEMI-NCP3066 Datasheet
1Mb / 20P
   Up to 1.5 A Constant Current Switching Regulator for LEDs with ON/OFF Function
January, 2009 ??Rev. 3
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983_08 Datasheet
966Kb / 37P
   1.5 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com