Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YNC14S20A-0 Datasheet(PDF) 11 Page - Power-One

Part # YNC14S20A-0
Description  9.6-14 VDC Input; 0.7525-5.5 VDC Programmable 20 A
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

YNC14S20A-0 Datasheet(HTML) 11 Page - Power-One

Back Button YNC14S20A-0 Datasheet HTML 7Page - Power-One YNC14S20A-0 Datasheet HTML 8Page - Power-One YNC14S20A-0 Datasheet HTML 9Page - Power-One YNC14S20A-0 Datasheet HTML 10Page - Power-One YNC14S20A-0 Datasheet HTML 11Page - Power-One YNC14S20A-0 Datasheet HTML 12Page - Power-One YNC14S20A-0 Datasheet HTML 13Page - Power-One YNC14S20A-0 Datasheet HTML 14Page - Power-One YNC14S20A-0 Datasheet HTML 15Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
OCT 12, 2006 revised to APR 23, 2007
Page 11 of 28
www.power-one.com
YNC12S20 DC-DC Converter Data Sheet
9.6-14 VDC Input; 0.7525-5.5 VDC Programmable @ 20 A
Fig. 5.0V.4: Turn-on transient for Vout = 5.0 V with
application of Vin at full rated load current
(resistive) and 100 μF external capacitance at Vin =
12 V. Top trace: Vin (10 V/div.); Bottom trace:
output voltage (1 V/div.); Time scale: 2 ms/div.
Fig. 5.0V.6: Output voltage response for Vout = 5.0 V
to positive load current step change from 10 A to 20 A
with slew rate of 5 A/μs at Vin = 12 V. Top trace:
output voltage (200 mV/div.); Bottom trace: load
current (5 A/div.). Co = 100 μF ceramic. Time scale:
20 μs/div.
Fig. 5.0V.5: Output voltage ripple (20 mV/div.) at full
rated load current into a resistive load with external
capacitance 100 μF ceramic + 1 μF ceramic and Vin =
12 V for Vout = 5.0 V. Time scale: 2 μs/div.
Fig. 5.0V.7: Output voltage response for Vout = 5.0 V
to negative load current step change from 20 A to
10 A with slew rate of -5 A/μs at Vin = 12 V. Top
trace: output voltage (200 mV/div.); Bottom trace: load
current (5 A/div.). Co = 100 μF ceramic. Time scale:
20 μs/div.


Similar Part No. - YNC14S20A-0

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
YNC500001 PERICOM-YNC500001 Datasheet
654Kb / 6P
   3.3V CMOS Ultra-Low Jitter Voltage Control VCXO
More results

Similar Description - YNC14S20A-0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
YS12S16 BEL-YS12S16 Datasheet
780Kb / 22P
   9.6-14 VDC Input; 0.7525-5.5 VDC Programmable @ 16A
logo
Power-One
YS12S16 POWER-ONE-YS12S16 Datasheet
267Kb / 5P
   YS12S16 DC-DC Converter Data Sheet 9.6-14 VDC Input; 0.7525-5.5 VDC Programmable @ 16A
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX Datasheet
407Kb / 26P
   2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /20 A Output
SLAN-20D1AX BEL-SLAN-20D1AX Datasheet
1Mb / 26P
   3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /20 A Outputs
SLIN-20E1AX BEL-SLIN-20E1AX Datasheet
463Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /20 A Outputs
YNS12S10 BEL-YNS12S10 Datasheet
775Kb / 21P
   Extended input range 9.6 to 14 VDC
SRPE-02E1A0 BEL-SRPE-02E1A0 Datasheet
1Mb / 12P
   5.5 Vdc - 13.2 Vdc Input 0.6 Vdc - 5.5 Vdc / 1.5 A Output
SLIN-06E1AX BEL-SLIN-06E1AX Datasheet
481Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
SLIN-03E1AX BEL-SLIN-03E1AX Datasheet
462Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
SLIN-03E2AX BEL-SLIN-03E2AX Datasheet
436Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com