Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YNC11S20A-D Datasheet(PDF) 1 Page - Power-One

Part # YNC11S20A-D
Description  9.6-14 VDC Input; 0.7525-5.5 VDC Programmable 20 A
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

YNC11S20A-D Datasheet(HTML) 1 Page - Power-One

  YNC11S20A-D Datasheet HTML 1Page - Power-One YNC11S20A-D Datasheet HTML 2Page - Power-One YNC11S20A-D Datasheet HTML 3Page - Power-One YNC11S20A-D Datasheet HTML 4Page - Power-One YNC11S20A-D Datasheet HTML 5Page - Power-One YNC11S20A-D Datasheet HTML 6Page - Power-One YNC11S20A-D Datasheet HTML 7Page - Power-One YNC11S20A-D Datasheet HTML 8Page - Power-One YNC11S20A-D Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
OCT 12, 2006 revised to APR 23, 2007
Page 1 of 28
www.power-one.com
YNC12S20 DC-DC Converter Data Sheet
9.6-14 VDC Input; 0.7525-5.5 VDC Programmable @ 20 A
Applications
• Intermediate Bus Architectures
• Telecommunications
• Data communications
• Distributed Power Architectures
• Servers, workstations
Benefits
• High efficiency – no heat sink required
• Reduces total solution board area
• Tape and reel packing
• Compatible with pick & place equipment
• Minimizes part numbers in inventory
The
Products: Y-Series
Features
• RoHS lead-free solder and lead-solder-exempted
products are available
• Delivers up to 20 A (100 W)
• Extended input range 9.6 V – 14 V
• High efficiency (0.94 at 5 V output)
• Surface-mount package
• Industry-standard footprint and pinout
• Small size and low profile: 1.30” x 0.53” x 0.314”
(33.02 x 13.46 x 7.98 mm)
• Weight: 0.22 oz [6.12 g]
• Coplanarity less than 0.003”, maximum
• Synchronous Buck Converter topology
• Source and sink capable
• Start-up into pre-biased output
• No minimum load required
• Programmable output voltage via external resistor
• Operating ambient temperature: -40 °C to 85 °C
• Remote output sense
• Remote ON/OFF (Positive or Negative)
• Fixed-frequency operation
• Auto-reset output overcurrent protection
• Auto-reset overtemperature protection
• High reliability, MTBF = TBD Million Hours
• All materials meet UL94, V-0 flammability rating
• UL 60950 recognition in U.S. & Canada, and DEMKO
certification per IEC/EN 60950
Description
The YNC12S20 non-isolated DC-DC converter delivers up to 20 A of output current in an industry-standard
surface-mount package. Operating from a 9.6 to 14 VDC input, the YNC12S20 converter is an ideal choice
for Intermediate Bus Architectures where point-of-load power delivery is generally a requirement. It provides a
resistor-programmable regulated output voltage of 0.7525V to 5.5V.
The Y-Series converters provide exceptional thermal performance, even in high temperature environments
with minimal airflow. This is accomplished through the use of circuit, packaging and processing techniques to
achieve ultra-high efficiency, excellent thermal management and a very low body profile.
The low body profile and the preclusion of heat sinks minimize impedance to system airflow, thus enhancing
cooling for both upstream and downstream devices. The use of 100% automation for assembly, coupled with
advanced power electronics and thermal design, results in a product with extremely high reliability.


Similar Part No. - YNC11S20A-D

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
YNC500001 PERICOM-YNC500001 Datasheet
654Kb / 6P
   3.3V CMOS Ultra-Low Jitter Voltage Control VCXO
More results

Similar Description - YNC11S20A-D

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
YS12S16 BEL-YS12S16 Datasheet
780Kb / 22P
   9.6-14 VDC Input; 0.7525-5.5 VDC Programmable @ 16A
logo
Power-One
YS12S16 POWER-ONE-YS12S16 Datasheet
267Kb / 5P
   YS12S16 DC-DC Converter Data Sheet 9.6-14 VDC Input; 0.7525-5.5 VDC Programmable @ 16A
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX Datasheet
407Kb / 26P
   2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /20 A Output
SLAN-20D1AX BEL-SLAN-20D1AX Datasheet
1Mb / 26P
   3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /20 A Outputs
SLIN-20E1AX BEL-SLIN-20E1AX Datasheet
463Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /20 A Outputs
YNS12S10 BEL-YNS12S10 Datasheet
775Kb / 21P
   Extended input range 9.6 to 14 VDC
SRPE-02E1A0 BEL-SRPE-02E1A0 Datasheet
1Mb / 12P
   5.5 Vdc - 13.2 Vdc Input 0.6 Vdc - 5.5 Vdc / 1.5 A Output
SLIN-06E1AX BEL-SLIN-06E1AX Datasheet
481Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
SLIN-03E1AX BEL-SLIN-03E1AX Datasheet
462Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
SLIN-03E2AX BEL-SLIN-03E2AX Datasheet
436Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com