Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-80C32E-30-E Datasheet(PDF) 2 Page - ATMEL Corporation

Part # MC-80C32E-30-E
Description  Rad. Tolerant 8-bit ROMless Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MC-80C32E-30-E Datasheet(HTML) 2 Page - ATMEL Corporation

  MC-80C32E-30-E Datasheet HTML 1Page - ATMEL Corporation MC-80C32E-30-E Datasheet HTML 2Page - ATMEL Corporation MC-80C32E-30-E Datasheet HTML 3Page - ATMEL Corporation MC-80C32E-30-E Datasheet HTML 4Page - ATMEL Corporation MC-80C32E-30-E Datasheet HTML 5Page - ATMEL Corporation MC-80C32E-30-E Datasheet HTML 6Page - ATMEL Corporation MC-80C32E-30-E Datasheet HTML 7Page - ATMEL Corporation MC-80C32E-30-E Datasheet HTML 8Page - ATMEL Corporation MC-80C32E-30-E Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
80C32E
4149N–AERO–04/07
Block Diagram
Pin Configuration
Note:
NIC: No Internal Connection
Timer 0
INT
RAM
256x8
WR
RD
EA
PSEN
ALE
XTAL2
XTAL1
UART
CPU
Ctrl
C51
CORE
Port 0Port 1 Port 2 Port 3
Parallel I/O Ports & Ext. Bus
IB-bus
Timer 1
Timer 2
5
4
3
2
1
6
44 43 42 41 40
P0.4/AD4
P0.6/AD6
P0.5/AD5
P0.7/AD7
ALE
PSEN
EA
NIC*
P2.7/A15
P2.5/A13
P2.6/A14
P1.5
P1.6
P1.7
RST
P3.0/RxD
NIC*
P3.1/TxD
P3.2/INT0
P3.3/INT1
P3.4/T0
P3.5/T1
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
MQFPJ44
18 19 20 21 22 23 24 25 26 27 28
P1.7
RST
P3.0/RxD
P3.1/TxD
P1.3
1
P1.5
P3.2/INT0
P3.3/INT1
P3.5/T1
P3.6/WR
P3.7/RD
XTAL2
XTAL1
VSS
P2.0/A8
P2.1/A9
P2.2/A10
P2.3/A11
P2.4/A12
P0.4/A4
P0.6/A6
P0.5/A5
P0.7/A7
ALE
PSEN
EA/VPP
P2.7/A15
P2.5/A13
P2.6/A14
P1.0/T2
P1.1/T2EX
VCC
P0.0/A0
P0.1/A1
P0.2/A2
P0.3/A3
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
SB40
P1.6
P1.4
P1.2
P3.4/T0


Similar Part No. - MC-80C32E-30-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MC-80C32E-30-E ATMEL-MC-80C32E-30-E Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
AIMTEC
MC-80C32E-30-E AIMTEC-MC-80C32E-30-E Datasheet
206Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
More results

Similar Description - MC-80C32E-30-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
80C32E ATMEL-80C32E Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
AIMTEC
80C32E AIMTEC-80C32E_03 Datasheet
206Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
Siemens Semiconductor G...
SDA30C263 SIEMENS-SDA30C263 Datasheet
6Mb / 120P
   8-Bit Microcontroller ROMLESS
SDA30C163-2 SIEMENS-SDA30C163-2 Datasheet
6Mb / 95P
   8-bIT Microcontroller, ROMLESS
SDA30C164 SIEMENS-SDA30C164 Datasheet
7Mb / 100P
   8-bIT Microcontroller, ROMLESS
logo
NXP Semiconductors
OM5202 PHILIPS-OM5202 Datasheet
93Kb / 11P
   ROMless 8-bit microcontroller
December 1994
logo
ATMEL Corporation
TS80C31X2 ATMEL-TS80C31X2_08 Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2 ATMEL-TS80C31X2 Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
logo
Zilog, Inc.
Z86C90 ZILOG-Z86C90 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com