Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

952100201 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # 952100201
Description  Rad. Tolerant 8-bit ROMless Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

952100201 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button 952100201 Datasheet HTML 5Page - ATMEL Corporation 952100201 Datasheet HTML 6Page - ATMEL Corporation 952100201 Datasheet HTML 7Page - ATMEL Corporation 952100201 Datasheet HTML 8Page - ATMEL Corporation 952100201 Datasheet HTML 9Page - ATMEL Corporation 952100201 Datasheet HTML 10Page - ATMEL Corporation 952100201 Datasheet HTML 11Page - ATMEL Corporation 952100201 Datasheet HTML 12Page - ATMEL Corporation 952100201 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
80C32E
4149N–AERO–04/07
DC Parameters
Notes:
1. I
CC under reset is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (see Figure 6), VIL =
V
SS + 0.5V,
V
IH = VCC - 0.5V; XTAL2 N.C.; EA = RST = Port 0 = VCC. ICC would be slightly higher if a crystal oscillator is used.
2. Idle I
CC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns, VIL = VSS + 0.5V, VIH = VCC -
0.5V; XTAL2 N.C; Port 0 = V
CC; EA = RST = VSS (see Figure 4).
3. Power-down I
CC is measured with all output pins disconnected; EA = VSS, PORT 0 = VCC; XTAL2 NC.; RST = VSS (see Fig-
ure 5).
4. Capacitance loading on Ports 0 and 2 may cause spurious noise pulses to be superimposed on the V
OLs of ALE and Ports 1
and 3. The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins make 1 to 0
transitions during bus operation. In the worst cases (capacitive loading 100 pF), the noise pulse on the ALE line may exceed
0.45V with maxi VOL peak 0.6V. The use of a Schmitt Trigger is not necessary.
5. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum I
OL per port pin: 10 mA
Maximum I
OL per 8-bit port:
Port 0: 26 mA
Ports 1, 2 and 3: 15 mA
Maximum total I
OL for all output pins: 71 mA
Table 3. DC Parameters in Standard VoltageTA = -55°C to +125°C; VSS = 0V; VCC = 5V ± 10%; F = 0 to 30 MHz.
Symbol
Parameter
Min.
Max
Unit
Test Conditions
V
IL
Input Low Voltage
-0.5
0.2 V
CC - 0.1
V
V
IH
Input High Voltage except XTAL1, RST
0.2 V
CC + 1.4
V
CC + 0.5
V
V
IH1
Input High Voltage, XTAL1, RST
0.7 V
CC
V
CC + 0.5
V
V
OL
Output Low Voltage, ports 1, 2, 3(5)
0.45
V
I
OL = 1.6 mA
(4)
VOL1
Output Low Voltage, port 0, ALE, PSEN(5)
0.45
V
IOL = 3.2 mA
(4)
V
OH
Output High Voltage, ports 1, 2, 3
2.4
0.75 V
CC
0.9 V
CC
V
V
V
I
OH = -60 µA
I
OH = -25 µA
I
OH = -10 µA
VOH1
Output High Voltage, port 0, ALE, PSEN
2.4
0.75 VCC
0.9 V
CC
V
V
V
IOH = -400 µA
IOH = -150 µA
I
OH = -40 µA
R
RST
RST Pull-down Resistor
50
200
kΩ
IIL
Logical 0 Input Current ports 1, 2 and 3
-75
µ
A
Vin = 0.45V
I
LI
Input Leakage Current
±
10
µ
A
0.45 V < Vin < V
CC
I
TL
Logical 1 to 0 Transition Current, ports 1, 2, 3
-750
µ
A
Vin = 2.0V
C
IO
Capacitance of I/O Buffer
10
pF
Fc = 1 MHz
TA = 25°C
I
PD
Power-down Current (3)
75
µ
A
2.0V < V
CC < 5.5V
I
CC
Power Supply Current (1)(2)(6)
Freq = 1 MHz Icc Op
Freq = 1 MHz Icc Idle
Freq = 6 MHz Icc Op
Freq = 6 MHz Icc Idle
Freq >12 MHz Icc Op
Freq >12 MHz Icc Idle
1.8
1
10
4
1.25F + 5
0.36F + 2.7
mA
mA
mA
mA
mA
mA
V
CC = 5.5V
F in MHz


Similar Part No. - 952100201

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9521 KEYSTONE-9521 Datasheet
183Kb / 1P
   8-32 FLAT HEAD SCREW
logo
Belden Inc.
9521 BELDEN-9521 Datasheet
198Kb / 2P
   High Perform Instr, 11 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
12-16-2022
logo
Keystone Electronics Co...
9521 KEYSTONE-9521 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Belden Inc.
9521-0601000 BELDEN-9521-0601000 Datasheet
198Kb / 2P
   High Perform Instr, 11 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
12-16-2022
9521-060500 BELDEN-9521-060500 Datasheet
198Kb / 2P
   High Perform Instr, 11 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
12-16-2022
More results

Similar Description - 952100201

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
80C32E ATMEL-80C32E Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
AIMTEC
80C32E AIMTEC-80C32E_03 Datasheet
206Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
Siemens Semiconductor G...
SDA30C263 SIEMENS-SDA30C263 Datasheet
6Mb / 120P
   8-Bit Microcontroller ROMLESS
SDA30C163-2 SIEMENS-SDA30C163-2 Datasheet
6Mb / 95P
   8-bIT Microcontroller, ROMLESS
SDA30C164 SIEMENS-SDA30C164 Datasheet
7Mb / 100P
   8-bIT Microcontroller, ROMLESS
logo
NXP Semiconductors
OM5202 PHILIPS-OM5202 Datasheet
93Kb / 11P
   ROMless 8-bit microcontroller
December 1994
logo
ATMEL Corporation
TS80C31X2 ATMEL-TS80C31X2_08 Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2 ATMEL-TS80C31X2 Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
logo
Zilog, Inc.
Z86C90 ZILOG-Z86C90 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com