Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF021-MHF-Y Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT25DF021-MHF-Y
Description  2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF021-MHF-Y Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT25DF021-MHF-Y Datasheet HTML 6Page - ATMEL Corporation AT25DF021-MHF-Y Datasheet HTML 7Page - ATMEL Corporation AT25DF021-MHF-Y Datasheet HTML 8Page - ATMEL Corporation AT25DF021-MHF-Y Datasheet HTML 9Page - ATMEL Corporation AT25DF021-MHF-Y Datasheet HTML 10Page - ATMEL Corporation AT25DF021-MHF-Y Datasheet HTML 11Page - ATMEL Corporation AT25DF021-MHF-Y Datasheet HTML 12Page - ATMEL Corporation AT25DF021-MHF-Y Datasheet HTML 13Page - ATMEL Corporation AT25DF021-MHF-Y Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
3672A–CNFG–1/08
AT18F010/002/040/080 [Preliminary]
11. DC Characteristics
Symbol
Description
Condition
Min
Typ
Max
Units
I
CCINT
Internal Voltage Supply Current, Active Mode
33 MHz
10
mA
ICCIO
I/O Drive Supply Current, Active Mode
33 MHz
10
mA
I
CCJ
JTAG Supply Current, Active Mode
5
mA
I
CCINTS
Internal Voltage Supply Current, Standby Mode
VCCINT = 3.6V,
VCIO = 3.6V
1mA
ICCIOS
Output Drive Supply Current, Standby Mode
V
CCINT = 3.6V,
VCIO = 3.6V
1mA
ICCJS
JTAG Supply Current, Standby Mode
VCCINT = 3.6V,
V
CIO = 3.6V
1mA
IIL
Input or I/O Low Leakage
1
10
µA
IIH
Input or I/O High Leakage
-10
10
10
µA
VOL
Output Low Voltage
3.3V Operation
0.4
V
2.5V Operation
0.4
1.8V Operation
0.45
VOH
Output High Voltage
3.3V Operation
V
CCO - 0.4
V
2.5V Operation
VCCO - 0.4
1.8V Operation
VCCO - 0.45


Similar Part No. - AT25DF021-MHF-Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF021-MHF-Y ATMEL-AT25DF021-MHF-Y Datasheet
972Kb / 41P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF021-MHF-Y ETC2-AT25DF021-MHF-Y Datasheet
914Kb / 41P
   2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
More results

Similar Description - AT25DF021-MHF-Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF021 ATMEL-AT25DF021_09 Datasheet
972Kb / 41P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A ATMEL-AT25DF041A_08 Datasheet
868Kb / 41P
   4-megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF641 ATMEL-AT25DF641 Datasheet
1Mb / 59P
   64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A ATMEL-AT25DF041A_09 Datasheet
869Kb / 41P
   4-megabit 2.3-volt or 2.7volt Minimum SPI Serial Flash Memory
AT26DF081A ATMEL-AT26DF081A_09 Datasheet
850Kb / 40P
   8-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF321A ATMEL-AT25DF321A Datasheet
1Mb / 58P
   32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF321 ATMEL-AT25DF321_09 Datasheet
842Kb / 37P
   32-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF161 ATMEL-AT25DF161 Datasheet
1Mb / 60P
   16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF021 ETC2-AT25DF021_12 Datasheet
914Kb / 41P
   2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
logo
ATMEL Corporation
AT25DF081 ATMEL-AT25DF081 Datasheet
784Kb / 38P
   8-megabit 1.65-volt Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com