Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT26DF161A Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT26DF161A
Description  16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF161A Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT26DF161A_07 Datasheet HTML 6Page - ATMEL Corporation AT26DF161A_07 Datasheet HTML 7Page - ATMEL Corporation AT26DF161A_07 Datasheet HTML 8Page - ATMEL Corporation AT26DF161A_07 Datasheet HTML 9Page - ATMEL Corporation AT26DF161A_07 Datasheet HTML 10Page - ATMEL Corporation AT26DF161A_07 Datasheet HTML 11Page - ATMEL Corporation AT26DF161A_07 Datasheet HTML 12Page - ATMEL Corporation AT26DF161A_07 Datasheet HTML 13Page - ATMEL Corporation AT26DF161A_07 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
10
3640B–DFLASH–10/07
AT26DF161A
The Byte/Page Program mode is the default programming mode after the device powers-up or
resumes from a device reset.
Figure 8-1.
Byte Program
Figure 8-2.
Page Program
8.2
Sequential Program Mode
The Sequential Program Mode improves throughput over the Byte/Page Program command
when the Byte/Page Program command is used to program single bytes only into consecutive
address locations. For example, some systems may be designed to program only a single byte
of information at a time and cannot utilize a buffered Page Program operation due to design
restrictions. In such a case, the system would normally have to perform multiple Byte Program
operations in order to program data into sequential memory locations. This approach can add
considerable system overhead and SPI bus traffic.
The Sequential Programming Mode helps reduce system overhead and bus traffic by incorporat-
ing an internal address counter that keeps track of the byte location to program, thereby
eliminating the need to supply an address sequence to the device for every byte to program.
When using the Sequential Program mode, all address locations to be programmed must be in
the erased state. Before the Sequential Program mode can first be entered, the Write Enable
command must have been previously issued to the device to set the WEL bit of the Status Reg-
ister to a logical “1” state.
To start the Sequential Program Mode, the CS pin must first be asserted, and either an opcode
of ADh or AFh must be clocked into the device. For the first program cycle, three address bytes
must be clocked in after the opcode to designate the first byte location to program. After the
address bytes have been clocked in, the byte of data to be programmed can be sent to the
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
00000010
67
5
410 11
9
8
12
39
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AAAA
AAA
A
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
00000010
67
5
49
839
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AA
AAA
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN BYTE 1
MSB
DDDDDDD
D
DATA IN BYTE n


Similar Part No. - AT26DF161A_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26DF161A ATMEL-AT26DF161A_06 Datasheet
730Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results

Similar Description - AT26DF161A_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26DF161 ATMEL-AT26DF161 Datasheet
486Kb / 31P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161_06 Datasheet
577Kb / 35P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161_08 Datasheet
607Kb / 34P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161A ATMEL-AT26DF161A_06 Datasheet
730Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004 ATMEL-AT26F004_08 Datasheet
724Kb / 38P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004 ATMEL-AT26F004_06 Datasheet
614Kb / 38P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A_07 Datasheet
661Kb / 40P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A Datasheet
603Kb / 36P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF321 ATMEL-AT25DF321 Datasheet
786Kb / 37P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF321 ATMEL-AT26DF321_06 Datasheet
585Kb / 34P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com