Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT26DF161A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT26DF161A
Description  16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF161A Datasheet(HTML) 5 Page - ATMEL Corporation

  AT26DF161A Datasheet HTML 1Page - ATMEL Corporation AT26DF161A Datasheet HTML 2Page - ATMEL Corporation AT26DF161A Datasheet HTML 3Page - ATMEL Corporation AT26DF161A Datasheet HTML 4Page - ATMEL Corporation AT26DF161A Datasheet HTML 5Page - ATMEL Corporation AT26DF161A Datasheet HTML 6Page - ATMEL Corporation AT26DF161A Datasheet HTML 7Page - ATMEL Corporation AT26DF161A Datasheet HTML 8Page - ATMEL Corporation AT26DF161A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5
3640B–DFLASH–10/07
AT26DF161A
Figure 4-1.
Memory Architecture Diagram
Internal Sectoring for
64KB
32KB
4KB
1-256 Byte
Sector Protection
Block Erase
Block Erase
Block ErasePage Program
Function
(D8h Command)
(52h Command)
(20h Command)
(02h Command)
4KB
1FFFFFh – 1FF000h
256 Bytes
1FFFFFh – 1FFF00h
4KB
1FEFFFh – 1FE000h
256 Bytes
1FFEFFh – 1FFE00h
4KB
1FDFFFh – 1FD000h
256 Bytes
1FFDFFh – 1FFD00h
4KB
1FCFFFh – 1FC000h
256 Bytes
0FFCFFh – 0FFC00h
4KB
1FBFFFh – 1FB000h
256 Bytes
1FFBFFh – 1FFB00h
4KB
1FAFFFh – 1FA000h
256 Bytes
1FFAFFh – 1FFA00h
4KB
1F9FFFh – 1F9000h
256 Bytes
1FF9FFh – 1FF900h
4KB
1F8FFFh – 1F8000h
256 Bytes
1FF8FFh – 1FF800h
4KB
1F7FFFh – 1F7000h
256 Bytes
1FF7FFh – 1FF700h
4KB
1F6FFFh – 1F6000h
256 Bytes
1FF6FFh – 1FF600h
4KB
1F5FFFh – 1F5000h
256 Bytes
1FF5FFh – 1FF500h
4KB
1F4FFFh – 1F4000h
256 Bytes
1FF4FFh – 1FF400h
4KB
1F3FFFh – 1F3000h
256 Bytes
1FF3FFh – 1FF300h
4KB
1F2FFFh – 1F2000h
256 Bytes
1FF2FFh – 1FF200h
4KB
1F1FFFh – 1F1000h
256 Bytes
1FF1FFh – 1FF100h
4KB
1F0FFFh – 1F0000h
256 Bytes
1FF0FFh – 1FF000h
4KB
1EFFFFh – 1EF000h
256 Bytes
1FEFFFh – 1FEF00h
4KB
1EEFFFh – 1EE000h
256 Bytes
1FEEFFh – 1FEE00h
4KB
1EDFFFh – 1ED000h
256 Bytes
1FEDFFh – 1FED00h
4KB
1ECFFFh – 1EC000h
256 Bytes
1FECFFh – 1FEC00h
4KB
1EBFFFh – 1EB000h
256 Bytes
1FEBFFh – 1FEB00h
4KB
1EAFFFh – 1EA000h
256 Bytes
1FEAFFh – 1FEA00h
4KB
1E9FFFh – 1E9000h
256 Bytes
1FE9FFh – 1FE900h
4KB
1E8FFFh – 1E8000h
256 Bytes
1FE8FFh – 1FE800h
4KB
1E7FFFh – 1E7000h
4KB
1E6FFFh – 1E6000h
4KB
1E5FFFh – 1E5000h
4KB
1E4FFFh – 1E4000h
256 Bytes
0017FFh – 001700h
4KB
1E3FFFh – 1E3000h
256 Bytes
0016FFh – 001600h
4KB
1E2FFFh – 1E2000h
256 Bytes
0015FFh – 001500h
4KB
1E1FFFh – 1E1000h
256 Bytes
0014FFh – 001400h
4KB
1E0FFFh – 1E0000h
256 Bytes
0013FFh – 001300h
256 Bytes
0012FFh – 001200h
256 Bytes
0011FFh – 001100h
256 Bytes
0010FFh – 001000h
4KB
00FFFFh – 00F000h
256 Bytes
000FFFh – 000F00h
4KB
00EFFFh – 00E000h
256 Bytes
000EFFh – 000E00h
4KB
00DFFFh – 00D000h
256 Bytes
000DFFh – 000D00h
4KB
00CFFFh – 00C000h
256 Bytes
000CFFh – 000C00h
4KB
00BFFFh – 00B000h
256 Bytes
000BFFh – 000B00h
4KB
00AFFFh – 00A000h
256 Bytes
000AFFh – 000A00h
4KB
009FFFh – 009000h
256 Bytes
0009FFh – 000900h
4KB
008FFFh – 008000h
256 Bytes
0008FFh – 000800h
4KB
007FFFh – 007000h
256 Bytes
0007FFh – 000700h
4KB
006FFFh – 006000h
256 Bytes
0006FFh – 000600h
4KB
005FFFh – 005000h
256 Bytes
0005FFh – 000500h
4KB
004FFFh – 004000h
256 Bytes
0004FFh – 000400h
4KB
003FFFh – 003000h
256 Bytes
0003FFh – 000300h
4KB
002FFFh – 002000h
256 Bytes
0002FFh – 000200h
4KB
001FFFh – 001000h
256 Bytes
0001FFh – 000100h
4KB
000FFFh – 000000h
256 Bytes
0000FFh – 000000h
64KB
Block Erase Detail
Page Program Detail
Page Address
Block Address
32KB
32KB
64KB
(Sector 0)
Range
Range
32KB
32KB
64KB
(Sector 31)
64KB
32KB
32KB
64KB
(Sector 30)
64KB


Similar Part No. - AT26DF161A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26DF161A ATMEL-AT26DF161A Datasheet
730Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161A-MU ATMEL-AT26DF161A-MU Datasheet
730Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161A-SSU ATMEL-AT26DF161A-SSU Datasheet
730Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161A-SU ATMEL-AT26DF161A-SU Datasheet
730Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161A ATMEL-AT26DF161A_06 Datasheet
730Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results

Similar Description - AT26DF161A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26DF161 ATMEL-AT26DF161 Datasheet
486Kb / 31P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161_06 Datasheet
577Kb / 35P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161_08 Datasheet
607Kb / 34P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161A ATMEL-AT26DF161A_06 Datasheet
730Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004 ATMEL-AT26F004_08 Datasheet
724Kb / 38P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004 ATMEL-AT26F004_06 Datasheet
614Kb / 38P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A_07 Datasheet
661Kb / 40P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A Datasheet
603Kb / 36P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF321 ATMEL-AT25DF321 Datasheet
786Kb / 37P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF321 ATMEL-AT26DF321_06 Datasheet
585Kb / 34P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com