Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB021D-MH-T Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT45DB021D-MH-T
Description  2-megabit 2.7-volt Minimum DataFlash
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D-MH-T Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT45DB021D-MH-T Datasheet HTML 7Page - ATMEL Corporation AT45DB021D-MH-T Datasheet HTML 8Page - ATMEL Corporation AT45DB021D-MH-T Datasheet HTML 9Page - ATMEL Corporation AT45DB021D-MH-T Datasheet HTML 10Page - ATMEL Corporation AT45DB021D-MH-T Datasheet HTML 11Page - ATMEL Corporation AT45DB021D-MH-T Datasheet HTML 12Page - ATMEL Corporation AT45DB021D-MH-T Datasheet HTML 13Page - ATMEL Corporation AT45DB021D-MH-T Datasheet HTML 14Page - ATMEL Corporation AT45DB021D-MH-T Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
11
3638F–DFLASH–4/08
AT45DB021D
7.8
Main Memory Page Program Through Buffer
This operation is a combination of the Buffer Write and Buffer to Main Memory Page Program
with Built-in Erase operations. Data is first clocked into the buffer from the input pin (SI) and then
programmed into a specified page in the main memory. To perform a main memory page pro-
gram through buffer for the DataFlash standard page size (264 bytes), a 1-byte opcode, 82H,
must first be clocked into the device, followed by three address bytes. The address bytes are
comprised of 5 don’t care bits, 10 page address bits, (PA9 - PA0) that select the page in the
main memory where data is to be written, and 9 buffer address bits (BFA8 - BFA0) that select
the first byte in the buffer to be written. To perform a main memory page program through buffer
for the binary page size (256 bytes), the opcode 82H must be clocked into the device followed
by three address bytes consisting of 6 don’t care bits, 10 page address bits (A17 - A8) that spec-
ify the page in the main memory to be written, and 8 buffer address bits (BFA7 - BFA0) that
selects the first byte in the buffer to be written. After all address bytes are clocked in, the part will
take data from the input pins and store it in the specified data buffer. If the end of the buffer is
reached, the device will wrap around back to the beginning of the buffer. When there is a low-to-
high transition on the CS pin, the part will first erase the selected page in main memory to all 1s
and then program the data stored in the buffer into that memory page. Both the erase and the
programming of the page are internally self-timed and should take place in a maximum time of
t
EP. During this time, the status register will indicate that the part is busy.
8.
Sector Protection
Two protection methods, hardware and software controlled, are provided for protection against
inadvertent or erroneous program and erase cycles. The software controlled method relies on
the use of software commands to enable and disable sector protection while the hardware con-
trolled method employs the use of the Write Protect (WP) pin. The selection of which sectors
that are to be protected or unprotected against program and erase operations is specified in the
nonvolatile Sector Protection Register. The status of whether or not sector protection has been
enabled or disabled by either the software or the hardware controlled methods can be deter-
mined by checking the Status Register.


Similar Part No. - AT45DB021D-MH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021D-MH-T ATMEL-AT45DB021D-MH-T Datasheet
1Mb / 54P
   2-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB021D-MH-T ETC2-AT45DB021D-MH-T Datasheet
1Mb / 48P
   2-megabit 2.7V Minimum DataFlash
More results

Similar Description - AT45DB021D-MH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021D ATMEL-AT45DB021D_09 Datasheet
1Mb / 54P
   2-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D_12 Datasheet
1Mb / 51P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D Datasheet
2Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
   2-megabit 2.7-volt DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B_05 Datasheet
484Kb / 32P
   2-megabit 2.7-volt Only DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
   2-Megabit 2.7-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com