Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV802D Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT49BV802D
Description  8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV802D Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT49BV802D Datasheet HTML 5Page - ATMEL Corporation AT49BV802D Datasheet HTML 6Page - ATMEL Corporation AT49BV802D Datasheet HTML 7Page - ATMEL Corporation AT49BV802D Datasheet HTML 8Page - ATMEL Corporation AT49BV802D Datasheet HTML 9Page - ATMEL Corporation AT49BV802D Datasheet HTML 10Page - ATMEL Corporation AT49BV802D Datasheet HTML 11Page - ATMEL Corporation AT49BV802D Datasheet HTML 12Page - ATMEL Corporation AT49BV802D Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9
3626A–FLASH–2/07
AT49BV802D(T)
4.13
Common Flash Interface (CFI)
CFI is a published, standardized data structure that may be read from a flash device. CFI allows
system software to query the installed device to determine the configurations, various electrical
and timing parameters, and functions supported by the device. CFI is used to allow the system
to learn how to interface to the flash device most optimally. The two primary benefits of using
CFI are ease of upgrading and second source availability. The command to enter the CFI Query
mode is a one-bus cycle command which requires writing data 98h to address 55h. The CFI
Query command can be written when the device is ready to read data or can also be written
when the part is in the product ID mode. Once in the CFI Query mode, the system can read CFI
data at the addresses given in Table 31. on page 25. To exit the CFI Query mode, the product ID
exit command must be given.
4.14
Hardware Data Protection
The Hardware Data Protection feature protects against inadvertent programs to the
AT49BV802D(T) in the following ways: (a) V
CC sense: if VCC is below 1.8V (typical), the program
function is inhibited. (b) V
CC power-on delay: once VCC has reached the VCC sense level, the
device will automatically time out 10 ms (typical) before programming. (c) Program inhibit: hold-
ing any one of OE low, CE high or WE high inhibits program cycles.
4.15
Input Levels
While operating with a 2.65V to 3.6V power supply, the address inputs and control inputs (OE,
CE and WE) may be driven from 0 to 5.5V without adversely affecting the operation of the
device. The I/O lines can only be driven from 0 to V
CC + 0.6V.


Similar Part No. - AT49BV802D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802A-70CI ATMEL-AT49BV802A-70CI Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802A-70TI ATMEL-AT49BV802A-70TI Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802AT ATMEL-AT49BV802AT Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802AT-70CI ATMEL-AT49BV802AT-70CI Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV802D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
   8-Megabit 1M x 8 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com