Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C51RC2 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT83C51RC2
Description  80C51 High Performance ROM 8-bit Microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C51RC2 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT83C51RC2 Datasheet HTML 1Page - ATMEL Corporation AT83C51RC2 Datasheet HTML 2Page - ATMEL Corporation AT83C51RC2 Datasheet HTML 3Page - ATMEL Corporation AT83C51RC2 Datasheet HTML 4Page - ATMEL Corporation AT83C51RC2 Datasheet HTML 5Page - ATMEL Corporation AT83C51RC2 Datasheet HTML 6Page - ATMEL Corporation AT83C51RC2 Datasheet HTML 7Page - ATMEL Corporation AT83C51RC2 Datasheet HTML 8Page - ATMEL Corporation AT83C51RC2 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
2
4113C–8051–01/08
AT8xc51Rx2
1.
Description
AT8xC51Rx2 microcontrollers are high performance ROM versions of the 80C51 8-bit microcon-
trollers. They contain a 0K, 16K or 32K bytes ROM memory block for program.
The microcontrollers retain all features of the Atmel 80C52 with 256 bytes of internal RAM, a 7-
source 4-level interrupt controller and three timer/counters.
In addition, the microcontrollers have a Programmable Counter Array, an XRAM of 1024 byte, a
Hardware Watchdog Timer, a Keyboard Interface, a more versatile serial channel that facilitates
multiprocessor communication (EUART) and a speed improvement mechanism (X2 mode).
The microcontrollers have 2 software-selectable modes of reduced activity and 8 bit clock pres-
caler for further reduction in power consumption. In Idle mode, the CPU is frozen while the
peripherals and the interrupt system are still operating. In the Power-down mode, the RAM is
saved and all other functions are inoperative.
Table 1. Memory Size
2.
Block Diagram
Notes:
1. Alternate function of Port 1
2. Alternate function of Port 3
ROM (Bytes)
XRAM (Bytes)
TOTAL RAM
(Bytes)
I/O
AT83C51RB2
16K
1024
1280
32
AT83C51RC2
32K
1024
1280
32
AT80C51RD2
ROMless
1024
1280
32
Timer 0
INT
RAM
256x8
WR
RD
EA
PSEN
ALE/
XTAL2
XTAL1
EUART
CPU
Timer 1
Ctrl
(2)
(2)
C51
CORE
(2) (2)
(2) (2)
Port 0 Port 1 Port 2 Port 3
Parallel I/O Ports & Ext. Bus
XRAM
1Kx8
IB-bus
PCA
PROG
Watch
Dog
(2)
(2)
(1)
(1)
Timer2
(1)
(1)
ROM
32Kx8 or
16Kx8
Key
Board
+
BRG


Similar Part No. - AT83C51RC2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C51RC2 ATMEL-AT83C51RC2 Datasheet
1Mb / 81P
   80C51 High Performance ROM 8-bit Microcontroller
logo
International Rectifier
AT83C51RC2 IRF-AT83C51RC2 Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
AT83C51RC2 ATMEL-AT83C51RC2 Datasheet
1Mb / 83P
   80C51 High Performance ROM 8-bit Microcontroller
AT83C51RC2 ATMEL-AT83C51RC2 Datasheet
72Kb / 4P
   80C51 MCUs
AT83C51RC2 ATMEL-AT83C51RC2 Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
More results

Similar Description - AT83C51RC2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT80C51RD2 ATMEL-AT80C51RD2_05 Datasheet
1Mb / 83P
   80C51 High Performance ROM 8-bit Microcontroller
AT80C51RD2 ATMEL-AT80C51RD2_09 Datasheet
1Mb / 81P
   80C51 High Performance ROM 8-bit Microcontroller
AT83C51RC2 ATMEL-AT83C51RC2 Datasheet
1Mb / 81P
   80C51 High Performance ROM 8-bit Microcontroller
logo
NXP Semiconductors
P87C552SFAA NXP-P87C552SFAA Datasheet
341Kb / 74P
   80C51 8-bit microcontroller
2003 Apr 01
logo
Microchip Technology
PIC17LC42AT-08I-PT MICROCHIP-PIC17LC42AT-08I-PT Datasheet
1Mb / 241P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
PIC17C4X MICROCHIP-PIC17C4X Datasheet
1Mb / 240P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
PIC17C44 MICROCHIP-PIC17C44 Datasheet
935Kb / 241P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
logo
NXP Semiconductors
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
P83C660X2 PHILIPS-P83C660X2 Datasheet
574Kb / 102P
   80C51 8-bit microcontroller family
2003 Oct 02
P89C51RB2HXX PHILIPS-P89C51RB2HXX Datasheet
314Kb / 56P
   80C51 8-bit Flash microcontroller family
2002 May 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com