Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP216 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT89LP216
Description  8-bit Microcontroller with 2K Bytes Flash
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP216 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT89LP216_08 Datasheet HTML 3Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 4Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 5Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 6Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 7Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 8Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 9Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 10Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
7
3621C–MICRO–6/08
AT89LP216
6.2
Data Memory
The AT89LP216 contains 128 bytes of general SRAM data memory plus 128 bytes of I/O mem-
ory mapped into a single 8-bit address space. The 128 bytes of data memory may be accessed
through both direct and indirect addressing of the lower 128 byte addresses. The 128 bytes of
I/O memory reside in the upper 128 byte address space (Figure 6-2). The I/O memory can only
be accessed through direct addressing and contains the Special Function Registers (SFRs).
Indirect accesses to the upper 128 byte addresses will return invalid data. The lowest 32 bytes
of data memory are grouped into 4 banks of 8 registers each. The RS0 and RS1 bits (PSW.3
and PSW.4) select which register bank is in use. Instructions using register addressing will only
access the currently specified bank. The AT89LP216 does not support external data memory.
Figure 6-2.
Data Memory Map
FFH
UPPER
128
80H
7F H
LO WER
128
0
Accessible
By Direct
Addressing
Only
Accessible
By Direct
and Indirect
Addressing
Only
Special Function
Registers
Ports
Status and Control Bits
Timers
Registers
Stack Pointer
Accumulator
(Etc.)


Similar Part No. - AT89LP216_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_06 Datasheet
1Mb / 90P
   Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
More results

Similar Description - AT89LP216_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_08 Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com