Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD233MDREP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD233MDREP
Description  3.3-V CAN TRANSCEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD233MDREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD233MDREP Datasheet HTML 4Page - Texas Instruments SN65HVD233MDREP Datasheet HTML 5Page - Texas Instruments SN65HVD233MDREP Datasheet HTML 6Page - Texas Instruments SN65HVD233MDREP Datasheet HTML 7Page - Texas Instruments SN65HVD233MDREP Datasheet HTML 8Page - Texas Instruments SN65HVD233MDREP Datasheet HTML 9Page - Texas Instruments SN65HVD233MDREP Datasheet HTML 10Page - Texas Instruments SN65HVD233MDREP Datasheet HTML 11Page - Texas Instruments SN65HVD233MDREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
PARAMETER MEASUREMENT INFORMATION
VI
VOD
II
60
Ω ±1%
IO(CANL)
IO(CANH)
VO(CANH)
VO(CANL)
IIRs
RS
+
VI(Rs)
-
VOC
VO(CANH) + VO(CANL)
2
D
Dominant
Recessive
≈ 3 V
VO(CANH)
≈ 2.3 V
≈ 1 V
VO(CANL)
VI
VOD
D
60
Ω ±1%
330
Ω ±1%
330
Ω ±1%
_
+
-7 V
≤ VTEST ≤ 12 V
RS
CANH
CANL
VI
VO
D
RL = 60 Ω ±1%
RS
CANH
CANL
+
-
CL = 50 pF ±20%
(see Note B)
(see Note A)
VI(Rs)
VCC/2
VCC/2
VCC
0 V
VO(D)
VO(R)
90%
10%
tr
tf
0.9 V
0.5 V
VI
VO
tPLH
tPHL
SN65HVD233-EP
SLLS944 – NOVEMBER 2008............................................................................................................................................................................................ www.ti.com
Figure 1. Driver Voltage, Current, and Test Definition
Figure 2. Bus Logic State Voltage Definitions
Figure 3. Driver VOD
A.
The input pulse is supplied by a generator having the following characteristics: Pulse repetition rate (PRR)
≤ 125 kHz,
50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns, ZO = 50 Ω.
B.
CL includes fixture and instrumentation capacitance.
Figure 4. Driver Test Circuit and Voltage Waveforms
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD233-EP


Similar Part No. - SN65HVD233MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233 TI-SN65HVD233 Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
SN65HVD233 TI1-SN65HVD233 Datasheet
1Mb / 172P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - SN65HVD233MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN55HVD233-SP TI1-SN55HVD233-SP Datasheet
100Kb / 6P
[Old version datasheet]   3.3-V Radiation Hardened CAN Transceiver
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
   High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
logo
Texas Instruments
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com