Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT61162E-PM40M-E Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT61162E-PM40M-E
Description  Rad Hard 2-Mbit x 8 SRAM Cube
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT61162E-PM40M-E Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT61162E-PM40M-E Datasheet HTML 4Page - ATMEL Corporation AT61162E-PM40M-E Datasheet HTML 5Page - ATMEL Corporation AT61162E-PM40M-E Datasheet HTML 6Page - ATMEL Corporation AT61162E-PM40M-E Datasheet HTML 7Page - ATMEL Corporation AT61162E-PM40M-E Datasheet HTML 8Page - ATMEL Corporation AT61162E-PM40M-E Datasheet HTML 9Page - ATMEL Corporation AT61162E-PM40M-E Datasheet HTML 10Page - ATMEL Corporation AT61162E-PM40M-E Datasheet HTML 11Page - ATMEL Corporation AT61162E-PM40M-E Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
4157E–AERO–07/05
AT61162E
Data Retention
Mode
Atmel CMOS RAM’s are designed with battery backup in mind. Data retention voltage and sup-
ply current are guaranteed over temperature. The following rules ensure data retention:
1.
During data retention CS must be held high within V
CC to VCC -0.2V or, chip select BS
must be held down within GND to GND +0.2V.
2.
Output Enable (OE) should be held high to keep the RAM outputs high impedance, mini-
mizing power dissipation.
3.
During power up and power down transitions CS and OE must be kept between V
CC +
0.3V and 70% of V
CC, or with BS between GND and GND -0.3V.
4.
The RAM can begin operation > TR ns after V
CC reaches the minimum operation voltages
(3V).
Timing
Data Retention Characteristics
Notes:
1. T
AVAV = Read Cycle Time
2. All CS = V
CC or All BS = CS = GND, VIN = Gnd/VCC.
3V
3V
BS
Parameter
Description
Min
Typical TA = 25°CMax
Unit
V
CCDR
VCC for data
retention
2.0
V
tCDR
Chip deselect to
data retention time
0.0
ns
t
R
Operation recovery
time
t
AVAV
(1)
––
ns
I
CCDR1
(2)
Data retention
current at 2.0V
–0.040
12
mA


Similar Part No. - AT61162E-PM40M-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT61162E-PM40M-E ATMEL-AT61162E-PM40M-E Datasheet
637Kb / 14P
   Rad Hard 2-Mbit x 8 SRAM Cube
More results

Similar Description - AT61162E-PM40M-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT61162E ATMEL-AT61162E Datasheet
637Kb / 14P
   Rad Hard 2-Mbit x 8 SRAM Cube
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H ATMEL-AT60142H Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com