Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1504BE-5AX44 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATF1504BE-5AX44
Description  Highperformance CPLD
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504BE-5AX44 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATF1504BE-5AX44 Datasheet HTML 6Page - ATMEL Corporation ATF1504BE-5AX44 Datasheet HTML 7Page - ATMEL Corporation ATF1504BE-5AX44 Datasheet HTML 8Page - ATMEL Corporation ATF1504BE-5AX44 Datasheet HTML 9Page - ATMEL Corporation ATF1504BE-5AX44 Datasheet HTML 10Page - ATMEL Corporation ATF1504BE-5AX44 Datasheet HTML 11Page - ATMEL Corporation ATF1504BE-5AX44 Datasheet HTML 12Page - ATMEL Corporation ATF1504BE-5AX44 Datasheet HTML 13Page - ATMEL Corporation ATF1504BE-5AX44 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
3637B–PLD–1/08
ATF1504BE
3.
Power Management
Unlike conventional CPLDs with sense amplifiers, the ATF1504BE is designed using low-power
full CMOS design techniques. This enables the ATF1504BE to achieve extremely low power
consumption over the full operating frequency spectrum.
The ATF1504BE also has an optional power-down mode. In this mode, current drops to below
100 µA. When the power-down option is selected, either PD1 or PD2 pins (or both) can be used
to power down the part. When enabled, the device goes into power-down when either PD1 or
PD2 is high. In the power-down mode, all internal logic signals are latched and held, as are any
enabled outputs.
All pin transitions are ignored until the PD pin is brought low. When the power-down feature is
enabled, the PD1 or PD2 pin cannot be used as a logic input or output. However, the pin’s mac-
rocell may still be used to generate buried foldback and cascade logic signals.
All power-down AC characteristic parameters are computed from external input or I/O pins.
4.
Security Feature
A fuse is provided to prevent unauthorized copying of the ATF1504BE fuse patterns. Once
enabled, fuse reading or verification is inhibited. However, the 16-bit User Electronic Signature
remains accessible. To reset this feature, the entire memory array in the device must be erased.
5.
Programming Methods
The ATF1504BE devices are In-System Programmable (ISP) or In-System Configurable (ISC)
devices utilizing the 4-pin JTAG protocol. This capability eliminates package handling normally
required for programming and facilitates rapid design iterations and field changes.
When using the ISP hardware or software to program the ATF1504BE devices, four I/O pins
must be reserved for the JTAG interface. However, the logic features that the macrocells have
associated with these I/O pins are still available to the design for buried logic functions.
To facilitate ISP programming by the Automated Test Equipment (ATE) vendors, Serial Vector
Format (SVF) files can be created by Atmel-provided software utilities. ATF1504BE devices can
also be programmed using standard third-party programmers. With a third-party programmer,
the JTAG ISP port can be disabled, thereby allowing four additional I/O pins to be used for logic.
The AT1504BE device supports several configuration modes which gives designers several
unique options for programming.
The different modes of programming are:
• ISC – In-System Configuration
• OTF – On-the-Fly Reconfiguration
• DRA – Direct Reconfiguration Access


Similar Part No. - ATF1504BE-5AX44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504BE ATMEL-ATF1504BE_14 Datasheet
752Kb / 30P
   High-performance Fully CMOS, Electrically-erasable Complex Programmable
More results

Similar Description - ATF1504BE-5AX44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF1502ASV ATMEL-ATF1502ASV_06 Datasheet
377Kb / 25P
   Highperformance EEPROM CPLD
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com