Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1508RE-5AX100 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF1508RE-5AX100
Description  Highperformance CPLD
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508RE-5AX100 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF1508RE-5AX100 Datasheet HTML 2Page - ATMEL Corporation ATF1508RE-5AX100 Datasheet HTML 3Page - ATMEL Corporation ATF1508RE-5AX100 Datasheet HTML 4Page - ATMEL Corporation ATF1508RE-5AX100 Datasheet HTML 5Page - ATMEL Corporation ATF1508RE-5AX100 Datasheet HTML 6Page - ATMEL Corporation ATF1508RE-5AX100 Datasheet HTML 7Page - ATMEL Corporation ATF1508RE-5AX100 Datasheet HTML 8Page - ATMEL Corporation ATF1508RE-5AX100 Datasheet HTML 9Page - ATMEL Corporation ATF1508RE-5AX100 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
3682A–PLD–10/08
ATF1508RE
Each of the 128 macrocells generates a buried feedback signal that goes to the global bus (see
Figure 1-3). Each input and I/O pin also feeds into the global bus. The switch matrix in each logic
block then selects 40 individual signals from the global bus. Each macrocell also generates a
foldback logic term that goes to a regional bus. Cascade logic between macrocells in the
ATF1508RE allows fast, efficient generation of complex logic functions. The ATF1508RE con-
tains eight such logic chains, each capable of creating sum term logic with a fan-in of up to 40
product terms.
The ATF1508RE macrocell, shown in Figure 1-4, is highly flexible and capable of supporting
complex logic functions operating at high speed. The macrocell consists of five sections: product
terms and product term select multiplexer, OR/XOR/CASCADE logic, a flip-flop, output select
and enable, and logic array inputs.
A security fuse, when programmed, protects the contents of the ATF1508RE. Two bytes
(16 bits) of User Electronic Signature are accessible to the user for purposes such as storing
project name, part number, revision or date. The User Electronic Signature is accessible regard-
less of the state of the security fuse.
The ATF1508RE device supports In-System Programming (ISP) via the industry-standard 4-pin
JTAG interface (IEEE 1532 standard), and is fully compliant with IEEE 1149.1 for Boundary
Scan Test. ISP allows the device to be programmed without removing it from the printed circuit
board. In addition to simplifying the manufacturing flow, ISP also allows design modifications to
be made in the field via software.
Figure 1-4.
ATF1508RE Macrocell
SCHMITT
TRIGGER
SSTL
BURIED FEEDBACK


Similar Part No. - ATF1508RE-5AX100

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1508RE ATMEL-ATF1508RE_14 Datasheet
792Kb / 31P
   High-density, High-performance Fully CMOS, Electrically-erasable Complex
More results

Similar Description - ATF1508RE-5AX100

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF1502ASV ATMEL-ATF1502ASV_06 Datasheet
377Kb / 25P
   Highperformance EEPROM CPLD
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com