Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26LV32EMDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LV32EMDREP
Description  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LV32EMDREP Datasheet(HTML) 1 Page - Texas Instruments

  AM26LV32EMDREP Datasheet HTML 1Page - Texas Instruments AM26LV32EMDREP Datasheet HTML 2Page - Texas Instruments AM26LV32EMDREP Datasheet HTML 3Page - Texas Instruments AM26LV32EMDREP Datasheet HTML 4Page - Texas Instruments AM26LV32EMDREP Datasheet HTML 5Page - Texas Instruments AM26LV32EMDREP Datasheet HTML 6Page - Texas Instruments AM26LV32EMDREP Datasheet HTML 7Page - Texas Instruments AM26LV32EMDREP Datasheet HTML 8Page - Texas Instruments AM26LV32EMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
FEATURES
SUPPORTS DEFENSE, AEROSPACE,
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
G
2Y
2A
2B
GND
VCC
4B
4A
4Y
G
3Y
3A
3B
D PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
AM26LV32E-EP
www.ti.com............................................................................................................................................................................................ SLLS948 – NOVEMBER 2008
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
WITH ±15-kV IEC ESD PROTECTION
AND MEDICAL APPLICATIONS
• Meets or Exceeds Standard TIA/EIA-422-B and
• Controlled Baseline
ITU Recommendation V.11
• One Assembly/Test Site
• Operates From a Single 3.3-V Power Supply
• One Fabrication Site
• ESD Protection for RS422 Bus Pins
• Available in Military (–55°C/125°C)
±15-kV Human-Body Model (HBM)
Temperature Range(1)
±8-kV IEC61000-4-2, Contact Discharge
• Extended Product Life Cycle
±15-kV IEC61000-4-2, Air-Gap Discharge
• Extended Product-Change Notification
• Switching Rates up to 32 MHz
• Product Traceability
• Low Power Dissipation: 27 mW Typ
• Open-Circuit, Short-Circuit, and Terminated
Fail-Safe
• ±7-V Common-Mode Input Voltage Range With
±200-mV Sensitivity
• Accepts 5-V Logic Inputs With 3.3-V Supply
(Enable Inputs)
• Input Hysteresis: 35 mV Typ
• Pin-to-Pin Compatible With AM26C32,
AM26LS32
• I
off Supports Partial-Power-Down Mode
Operation
(1)
Additional temperature ranges are available – contact factory
The AM26LV32E consists of quadruple differential line receivers with 3-state outputs. These differential receivers
have ±15-kV ESD (HBM and IEC61000-4-2, Air-Gap Discharge) and ±8-kV ESD (IEC61000-4-2, Contact
Discharge) protection for RS422 bus pins.
This device is designed to meet TIA/EIA-422-B and ITU recommendation V.11 drivers with reduced supply
voltage. The device is optimized for balanced bus transmission at switching rates up to 32 MHz. The 3-state
outputs permit connection directly to a bus-organized system.
The AM26LV32E has an internal fail-safe circuitry that prevents the device from putting an unknown voltage
signal at the receiver outputs. In the open fail-safe, shorted fail-safe, and terminated fail-safe, a high state is
produced at the respective output.
This device is supported for partial-power-down applications using Ioff. Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
The AM26LV32EM is characterized for operation from –55°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AM26LV32EMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LV32E TI-AM26LV32E Datasheet
753Kb / 17P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E TI-AM26LV32E Datasheet
632Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32EIDR TI-AM26LV32EIDR Datasheet
753Kb / 17P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32EIDR TI-AM26LV32EIDR Datasheet
632Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32EIDRG4 TI-AM26LV32EIDRG4 Datasheet
632Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Similar Description - AM26LV32EMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LV32E TI-AM26LV32E_10 Datasheet
632Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E TI-AM26LV32E Datasheet
753Kb / 17P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E TI-AM26LV31E_10 Datasheet
690Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E TI-AM26LV31E Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E-EP TI-AM26LV31E-EP Datasheet
353Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32C TI-AM26LV32C_08 Datasheet
671Kb / 22P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32 TI-AM26LV32 Datasheet
371Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com