Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HQCCHA271JAT9A Datasheet(PDF) 2 Page - AVX Corporation

Part # HQCCHA271JAT9A
Description  Hi-Q High RF Power MLC Surface Mount Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

HQCCHA271JAT9A Datasheet(HTML) 2 Page - AVX Corporation

  HQCCHA271JAT9A Datasheet HTML 1Page - AVX Corporation HQCCHA271JAT9A Datasheet HTML 2Page - AVX Corporation HQCCHA271JAT9A Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
85
Hi-Q® High RF Power
MLC Capacitors
0.001
0010
0.100
1.000
10000
1000
100
10
1
Capacitance (pF)
z
H
M
6
5
.
3
1
z
H
M
4
6
z
H
M
0
5
2
z
H
M
0
0
5
Typical ESR vs. Capacitance
HQCC and HQLC
Maximum RMS Current vs. Capacitance
HQCC and HQLC
0.1
1.0
10.0
100.0
1
10
100
1000
10000
Capacitance (pF)
13.56 MHz
64 MHz
250 MHz
500 MHz
Typical Quality Factor vs. Capacitance
HQCC and HQLC
1.00E+00
1.00E+01
1.00E+02
1.00E+03
1.00E+04
1.00E+05
1
10
100
1000
10000
Capacitance (pF)
13.56 MHz
64 MHz
250 MHz
500 MHz
Typical Series Resonant Frequency vs. Capacitance
HQCC and HQLC
10
100
1000
10000
1
1
0
100
1000
10000
Capacitance (pF)
PERFORMANCE CHARACTERISTICS


Similar Part No. - HQCCHA271JAT9A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
HQCC7M152GAH6A AVX-HQCC7M152GAH6A Datasheet
718Kb / 5P
   Hi-Q짰 High RF Power MLC Surface Mount Capacitors
More results

Similar Description - HQCCHA271JAT9A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
HQCC7M152GAH6A AVX-HQCC7M152GAH6A Datasheet
718Kb / 5P
   Hi-Q짰 High RF Power MLC Surface Mount Capacitors
logo
Frontier Electronics.
5YN FRONTIER-5YN Datasheet
137Kb / 1P
   Tunable Hi-Q RF Coils
logo
Knowles Electronics
121031000103JXTXXX KNOWLES-121031000103JXTXXX Datasheet
2Mb / 16P
   Non-magnetic Surface Mount & Ribbon Leaded MLC Capacitors
23-Sep-21
logo
Frontier Electronics.
6YN FRONTIER-6YN Datasheet
116Kb / 1P
   SMD Tunable Hi-Q RF Inductors
5SQ FRONTIER-5SQ_15 Datasheet
136Kb / 1P
   TUNABLE SUPER HI-Q RF COILS
5SQ FRONTIER-5SQ Datasheet
132Kb / 1P
   Tunable Super Hi-Q RF Coils
logo
AVX Corporation
UQCB7A100JATME AVX-UQCB7A100JATME Datasheet
3Mb / 13P
   Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
logo
IRC - a TT electronics ...
HFR-RFTS05LFC50OHM-F-0F0 IRCTT-HFR-RFTS05LFC50OHM-F-0F0 Datasheet
398Kb / 3P
   High Power, Surface Mount RF Terminators
logo
Vishay Siliconix
QUADHIFREQ VISHAY-QUADHIFREQ Datasheet
166Kb / 14P
   Surface Mount Multilayer Ceramic Capacitors for RF Power Applications
Revision: 07-Mar-17
QUAD-HIFREQ VISHAY-QUAD-HIFREQ Datasheet
166Kb / 14P
   Surface Mount Multilayer Ceramic Capacitors for RF Power Applications
Revision: 07-Mar-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com