Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29015 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL29015
Description  Integrated Digital Ambient Light Sensor and Proximity Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29015 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL29015 Datasheet HTML 5Page - Intersil Corporation ISL29015 Datasheet HTML 6Page - Intersil Corporation ISL29015 Datasheet HTML 7Page - Intersil Corporation ISL29015 Datasheet HTML 8Page - Intersil Corporation ISL29015 Datasheet HTML 9Page - Intersil Corporation ISL29015 Datasheet HTML 10Page - Intersil Corporation ISL29015 Datasheet HTML 11Page - Intersil Corporation ISL29015 Datasheet HTML 12Page - Intersil Corporation ISL29015 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN6522.0
October 31, 2008
FIGURE 3. CURRENT CONSUMPTION FOR EACH INTEGRATION PHASE AND DETECTION CYCLE
ALS
IR
PROXIMITY
IR LED
0.4ms
0.4ms
0.4ms
50µA
50µA
50mA
1mA
327.7 kHz
1µs
30ms
FIGURE 4. ISL29015 TYPICAL CIRCUIT
VDD
1
GND
2
REXT
3
SCL
SDA
5
IRDR
6
ISL29015
R1
10k
Ω
R2
10k
Ω
REXT
499k
Ω
C2
0.1µF
C1
1µF
2.25V TO 3.3V
MICROCONTROLLER
SDA
SCL
I2C SLAVE_0
I2C SLAVE_1
I2C SLAVE_n
I2C MASTER
SCL
SDA
SCL
SDA
1.7V TO 3.63V
4
ISL29015


Similar Part No. - ISL29015

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29015 RENESAS-ISL29015 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
ISL29015IROZ-EVALZ RENESAS-ISL29015IROZ-EVALZ Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
ISL29015IROZ-T7 RENESAS-ISL29015IROZ-T7 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
More results

Similar Description - ISL29015

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29015 RENESAS-ISL29015 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9800 AVAGO-APDS-9800 Datasheet
283Kb / 11P
   Integrated Ambient Light and Proximity Sensor
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor
Rev. 1.1, 20-Jul-12
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9801 AVAGO-APDS-9801 Datasheet
234Kb / 24P
   Digital Proximity and Analog Ambient Light Sensor
logo
Fairchild Semiconductor
FLD00050 FAIRCHILD-FLD00050 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9950 AVAGO-APDS-9950 Datasheet
796Kb / 23P
   Digital Proximity, RGB and Ambient Light Sensor
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com