Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29015 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL29015
Description  Integrated Digital Ambient Light Sensor and Proximity Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29015 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL29015 Datasheet HTML 1Page - Intersil Corporation ISL29015 Datasheet HTML 2Page - Intersil Corporation ISL29015 Datasheet HTML 3Page - Intersil Corporation ISL29015 Datasheet HTML 4Page - Intersil Corporation ISL29015 Datasheet HTML 5Page - Intersil Corporation ISL29015 Datasheet HTML 6Page - Intersil Corporation ISL29015 Datasheet HTML 7Page - Intersil Corporation ISL29015 Datasheet HTML 8Page - Intersil Corporation ISL29015 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN6522.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL29015
Integrated Digital Ambient Light Sensor
and Proximity Sensor
The ISL29015 is an integrated ambient and infrared light to
digital converter with a built-in IR LED driver and I2C/SMBus
interface. This device provides not only ambient light sensing
to allow robust backlight/display brightness control but also
infrared sensing to allow proximity estimation.
For ambient light sensing, an internal 16-bit ADC has been
designed based on the charge-balancing A/D conversion
technique. The ADC conversion time is nominally 100ms
and is user adjustable from 25µs to 100ms depends on
oscillator frequency and ADC resolution. This ADC is
capable of rejecting 50Hz and 60Hz flicker noise caused by
artificial light sources. The lux-range-select feature allows
users to program the lux range for optimized counts/lux.
For proximity sensing, the ADC is used to digitize the output
signal from the photodiode array when the internal IR LED
driver is turned on and off for the programmed time periods
under user-selected modulation frequency to drive the
external IR LED. As this proximity sensor employs a noise
cancellation scheme to highly reject unwanted IR noise, the
digital output of proximity sensing decreases with distance.
The driver output current is user selectable up to 100mA to
drive different types of IR emitters LEDs.
Six different modes of operation can be selected via the I2C
interface: Programmable ALS once with auto power-down,
programmable IR sensing once, programmable proximity
sensing once, programmable continuous ALS sensing,
programmable continuous IR sensing and programmable
continuous proximity sensing. The programmable one-time
operation modes greatly reduce power because an
immediate automatic shutdown reduces overall supply
current less than 1µA.
Designed to operate on supplies from 2.25V to 3.3V, the
ISL29015 is specified for operation over the -40°C to +85°C
ambient temperature range. It is packaged in a clear, Pb-free
6 Ld ODFN package.
Pinout
ISL29015
(6 LD ODFN)
TOP VIEW
Features
Proximity Sensing
• Ambient IR Cancellation During Proximity Sensing
- Works Under Direct Sunlight
• IR LED Driver with Programmable Source Current
- Adjustable Current Drive from 100mA to 12.5mA
• Programmable LED current Modulation Frequency
• Variable Conversion Resolution up to 16-bits
Ambient Light Sensing
• Simple Output Code Directly Proportional to lux
• Adjustable Sensitivity up to 65 Counts per lux
• Selectable Range (via I2C)
- Range 1 = 0.015 lux to 1,000 lux
- Range 2 = 0.06 lux to 4,000 lux
- Range 3 = 0.24 lux to 16,000 lux
- Range 4 = 0.96 lux to 64,000 lux
• Integrated 50/60Hz Noise Rejection
• Works Under Various Light Sources, Including Sunlight
Ideal Spectral Response for Light and Proximity Sensor
• Light Sensor Close to Human Eye Response
- Excellent Light Sensor IR and UV Rejection
• Proximity sensor range from 850nm to 950nm
- Can use either 850nm or 950nm LED solution
Ultra Low Power
•90μA Max Operating Current
-1.0μA Max Shutdown Current
• Software Shutdown and Automatic Shutdown
Easy to Use
•I2C (SMBus Compatible) Output
• No Complex Algorithms Needed
• Temperature Compensated
• Small Form Factor
- 2.0x2.1x0.7mm 6 Ld ODFN Package
Additional Features
•I2C and SMBus Compatible
• 1.7V to 3.63V Supply for I2C Interface
• 2.25V to 3.3V Supply
• Pb-Free (RoHS compliant)
Applications
• Display and Keypad Dimming Adjustment and Proximity
Sensing for:
- Mobile Devices: Smart Phone, PDA, GPS
- Computing Devices: Notebook PC, Webpad
- Consumer Devices: LCD-TV, Digital Picture Frame, Digital
Camera
• Industrial and Medical Light and Proximity Sensing
1
2
3
6
5
4
VDD
GND
REXT
IRDR
SDA
SCL
*EXPOSED PAD CAN BE CONNECTED TO GND OR
ELECTRICALLY ISOLATED
Data Sheet
October 31, 2008


Similar Part No. - ISL29015

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29015 RENESAS-ISL29015 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
ISL29015IROZ-EVALZ RENESAS-ISL29015IROZ-EVALZ Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
ISL29015IROZ-T7 RENESAS-ISL29015IROZ-T7 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
More results

Similar Description - ISL29015

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29015 RENESAS-ISL29015 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9800 AVAGO-APDS-9800 Datasheet
283Kb / 11P
   Integrated Ambient Light and Proximity Sensor
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor
Rev. 1.1, 20-Jul-12
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9801 AVAGO-APDS-9801 Datasheet
234Kb / 24P
   Digital Proximity and Analog Ambient Light Sensor
logo
Fairchild Semiconductor
FLD00050 FAIRCHILD-FLD00050 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9950 AVAGO-APDS-9950 Datasheet
796Kb / 23P
   Digital Proximity, RGB and Ambient Light Sensor
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com